Electronic Components Datasheet Search
  English  ▼

X  

MD1822 Datasheet(PDF) 2 Page - Supertex, Inc

Part # MD1822
Description  High Speed Four Channel MOSFET Driver with Two Inverting and Two Non-Inverting Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1822 Datasheet(HTML) 2 Page - Supertex, Inc

  MD1822 Datasheet HTML 1Page - Supertex, Inc MD1822 Datasheet HTML 2Page - Supertex, Inc MD1822 Datasheet HTML 3Page - Supertex, Inc MD1822 Datasheet HTML 4Page - Supertex, Inc MD1822 Datasheet HTML 5Page - Supertex, Inc MD1822 Datasheet HTML 6Page - Supertex, Inc MD1822 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
MD1822
Absolute Maximum Ratings
Parameter
Value
V
DD -VSS, Logic supply voltage
-0.5V to +12.5V
V
H, Output high supply voltage
V
L - 0.5V to VDD +0.5V
V
L, Output low supply voltage
V
SS - 0.5V to VH+0.5V
V
SS, Low side supply voltage
-6.0V to +0.5V
Logic input levels
V
SS - 0.5V to GND +5.5V
Maximum junction temperature
+125°C
Storage temperature
-65°C to 150°C
Operating temperature
-20°C to +85°C
Package power dissipation
2.2W
Thermal resistance (θ
JA)*
55°C/W
-G indicates package is RoHS compliant (‘Green’)
Ordering Information
Device
16-Lead QFN
3.00x3.00mm body
1.00mm height (max)
0.50mm pitch
MD1822
MD1822K6-G
1822
YWLL
Y = Last Digit of Year Sealed
W = Code for Week Sealed
L = Lot Number
= “Green” Packaging
Product Marking
16-Lead QFN (K6)
1
16
16-Lead QFN (K6)
(top view)
Pin Configuration
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
* 1.0oz 4-layer 3x4” PCB
Package may or may not include the following marks: Si or
V
DD - VSS
Logic supply voltage
4.75
-
11.5
V
4.0V ≤ V
DD ≤11.5V
V
SS
Low side supply voltage
-5.5
-
0
V
---
V
H
Output high supply voltage
V
SS +2.0
-
V
DD
V
---
V
L
Output low supply voltage
V
SS
-
V
DD -4.0
V
---
I
DDQ
V
DD quiescent current
-
60
-
µA
No input transitions, PE = 0
I
HQ
V
H quiescent current
-
2.0
-
µA
I
DDQ
V
DD quiescent current
-
1.0
-
mA
No input transitions, PE = 1
I
HQ
V
H quiescent current
-
2.0
-
µA
I
DD
V
DD average current
-
4.0
-
mA
One channel on at 5.0Mhz,
No load
I
H
V
H average current
-
10
-
mA
V
IH
Input logic voltage high
V
PE -0.3
-
V
PE
V
For logic inputs INA, INB, INC,
and IND
V
IL
Input logic voltage low
0
-
0.3
V
I
IH
Input logic current high
-
1.0
µA
I
IL
Input logic current low
-
-
1.0
µA
V
IH
PE input logic voltage high
1.70
3.30
5.25
V
For logic input PE
V
IL
PE input logic voltage low
0
-
0.3
V
R
IN_PE
PE input impedance to GND
100
-
-
KΩ
DC Electrical Characteristics (V
H = VDD = 10V, VL = VSS = GND = 0V, VPE = 3.3V, TA = 25°C)
Sym
Parameter
Min
Typ
Max
Units Conditions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com