Electronic Components Datasheet Search
  English  ▼

X  

HC646 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HC646
Description  Octal Bus Transceivers/Registers with Multiplexed 3-state outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HC646 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HC646 Datasheet HTML 2Page - Hitachi Semiconductor HC646 Datasheet HTML 3Page - Hitachi Semiconductor HC646 Datasheet HTML 4Page - Hitachi Semiconductor HC646 Datasheet HTML 5Page - Hitachi Semiconductor HC646 Datasheet HTML 6Page - Hitachi Semiconductor HC646 Datasheet HTML 7Page - Hitachi Semiconductor HC646 Datasheet HTML 8Page - Hitachi Semiconductor HC646 Datasheet HTML 9Page - Hitachi Semiconductor HC646 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HD74HC646/HD74HC648
7
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Maximum clock
f
max
2.0
—
—
5
—
4
ns
Clock AB to B or
frequency
4.5
—
—
27
—
21
Clock BA to A
6.0
—
—
32
—
25
Propagation delay t
PLH
2.0
—
—
170 —
215
ns
A or B input to B or A output
time
t
PHL
4.5
—
14
34
—
43
(HD74HC646 only)
6.0
—
—
29
—
37
t
PLH
2.0
—
—
150 —
190
ns
A or B input to B or A output
t
PHL
4.5
—
14
30
—
38
(HD74HC648 only)
6.0
—
—
26
—
33
t
PLH
2.0
—
—
220 —
275
ns
Clock BA or Clock AB input to
t
PHL
4.5
—
18
44
—
55
A or B output
6.0
—
—
37
—
47
t
PLH
2.0
—
—
170 —
215
ns
Select BA or Select AB input to
t
PHL
4.5
—
15
34
—
43
A or B output, with A or B high
6.0
—
—
29
—
37
t
PLH
2.0
—
—
170 —
215
ns
Select BA or Select AB input to
t
PHL
4.5
—
16
34
—
43
A or B output, with A or B low
6.0
—
—
29
—
37
Output enable
t
ZH
2.0
—
—
150 —
190
ns
Control
G input or Direction to
time
t
ZL
4.5
—
17
30
—
38
A or B output
6.0
—
—
26
—
33
Output disable
t
LZ
2.0
—
—
150 —
190
ns
Control
G input to A or B
time
t
HZ
4.5
—
20
30
—
38
output
6.0
—
—
26
—
33
Setup time
t
su
2.0
100 —
—
125
—
ns
4.5
20
3
—
25
—
6.0
17
—
—
21
—
Hold time
t
h
2.0
5
—
—
5
—
ns
4.5
5
0
—
5
—
6.0
5
—
—
5
—



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com