Electronic Components Datasheet Search
  English  ▼

X  

HC646 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HC646
Description  Octal Bus Transceivers/Registers with Multiplexed 3-state outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HC646 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HC646 Datasheet HTML 1Page - Hitachi Semiconductor HC646 Datasheet HTML 2Page - Hitachi Semiconductor HC646 Datasheet HTML 3Page - Hitachi Semiconductor HC646 Datasheet HTML 4Page - Hitachi Semiconductor HC646 Datasheet HTML 5Page - Hitachi Semiconductor HC646 Datasheet HTML 6Page - Hitachi Semiconductor HC646 Datasheet HTML 7Page - Hitachi Semiconductor HC646 Datasheet HTML 8Page - Hitachi Semiconductor HC646 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HD74HC646/HD74HC648
Octal Bus Transceivers/Registers with Multiplexed 3-state outputs
Description
Six control inputs enable this device to be used as a latched transceiver, unlatched transceiver or a
combination of both. As a latched transceiver, data from one bus is stored for later retrieval by the other
bus. Alternately real time bus data (unlatched) may be directly transferred from one bus to another.
Circuit operation is determined by the Control
G, Direction, Clock AB, Clock BA, Select AB, Select BA
control inputs. The enable input, Contorl
G, controls whether any bus outputs are enabled. The direction
control Direction (DIR), determines which bus is enabled, and hence the direction data flows: The Select
AB, Select BA inputs cotrol whether the latched data (stored in D type flip-flops), or the bus data (from
other bus input pins) is transferred. Each set of flip-flops has its own clock Clock AB and Clock BA, for
storing data. Data is latched on the rising edge of the clock.
Features
• High Speed Operation: t
pd (Bus to Bus) = 14 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)


Similar Part No. - HC646

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HC646 PHILIPS-HC646 Datasheet
91Kb / 12P
Octal bus transceiver/register; 3-state
September 1993
logo
STMicroelectronics
HC646 STMICROELECTRONICS-HC646 Datasheet
202Kb / 12P
HC648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HC646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
Oct-1993
logo
Texas Instruments
HC646 TI-HC646 Datasheet
175Kb / 10P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
logo
Toshiba Semiconductor
HC646 TOSHIBA-HC646 Datasheet
307Kb / 7P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
National Semiconductor ...
HC646 NSC-HC646 Datasheet
198Kb / 6P
Non-Inverting Octal Bus Transceiver/Registers
More results

Similar Description - HC646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646A TI-SN54ABT646A_07 Datasheet
528Kb / 24P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI-SN54ALS652_00 Datasheet
700Kb / 33P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT651 TI-SN54ABT651_08 Datasheet
362Kb / 14P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com