Electronic Components Datasheet Search
  English  ▼

X  

HC646 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HC646
Description  Octal Bus Transceivers/Registers with Multiplexed 3-state outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HC646 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HC646 Datasheet HTML 1Page - Hitachi Semiconductor HC646 Datasheet HTML 2Page - Hitachi Semiconductor HC646 Datasheet HTML 3Page - Hitachi Semiconductor HC646 Datasheet HTML 4Page - Hitachi Semiconductor HC646 Datasheet HTML 5Page - Hitachi Semiconductor HC646 Datasheet HTML 6Page - Hitachi Semiconductor HC646 Datasheet HTML 7Page - Hitachi Semiconductor HC646 Datasheet HTML 8Page - Hitachi Semiconductor HC646 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HD74HC646/HD74HC648
4
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply voltage range
V
CC
–0.5 to +7.0
V
Input voltage
V
IN
–0.5 to V
CC + 0.5
V
Output voltage
V
OUT
–0.5 to V
CC + 0.5
V
Output current
I
OUT
±35
mA
DC current drain per V
CC , GND
I
CC, IGND
±75
mA
DC input diode current
I
IK
±20
mA
DC output diode current
I
OK
±20
mA
Power Dissipation per package
P
T
500
mW
Storage temperature
Tstg
–65 to +150
°C
Logic Diagram
HD74HC646
x 7
A1
B1
CBA
CAB
SAB
SBA
G
DIR
Q
CBA
CBA
D
Q
CAB
CAB
D
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com