Electronic Components Datasheet Search
  English  ▼

X  

PF0121 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # PF0121
Description  MOS FET Power Amplifier Module for GSM Mobile Phone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

PF0121 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button PF0121 Datasheet HTML 4Page - Hitachi Semiconductor PF0121 Datasheet HTML 5Page - Hitachi Semiconductor PF0121 Datasheet HTML 6Page - Hitachi Semiconductor PF0121 Datasheet HTML 7Page - Hitachi Semiconductor PF0121 Datasheet HTML 8Page - Hitachi Semiconductor PF0121 Datasheet HTML 9Page - Hitachi Semiconductor PF0121 Datasheet HTML 10Page - Hitachi Semiconductor PF0121 Datasheet HTML 11Page - Hitachi Semiconductor PF0121 Datasheet HTML 12Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PF0121
8
η
T, Pout vs. VAPC (1)
0
0
η
T
6
Apc Voltage VAPC (V)
4
8
2
f = 890 MHz
Pin = 2 mW
Tc = 25
°C
Rg = Rl = 50
Ω
0
Pout
VDD=12.5 V
50
40
30
20
10
35
30
25
20
15
10
5
VDD=15.6 V
10.8 V
15.6 V
12.5 V
10.8 V
η
T, Pout vs. VAPC (2)
0
0
η
T
6
Apc Voltage VAPC (V)
4
8
2
f = 915 MHz
Pin = 2 mW
Tc = 25
°C
Rg = Rl = 50
Ω
0
Pout
VDD=15.6 V
50
40
30
20
10
35
30
25
20
15
10
5
VDD=15.6 V
12.5 V
10.8 V
10.8 V
12.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com