Electronic Components Datasheet Search
  English  ▼

X  

PF0121 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # PF0121
Description  MOS FET Power Amplifier Module for GSM Mobile Phone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

PF0121 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  PF0121 Datasheet HTML 1Page - Hitachi Semiconductor PF0121 Datasheet HTML 2Page - Hitachi Semiconductor PF0121 Datasheet HTML 3Page - Hitachi Semiconductor PF0121 Datasheet HTML 4Page - Hitachi Semiconductor PF0121 Datasheet HTML 5Page - Hitachi Semiconductor PF0121 Datasheet HTML 6Page - Hitachi Semiconductor PF0121 Datasheet HTML 7Page - Hitachi Semiconductor PF0121 Datasheet HTML 8Page - Hitachi Semiconductor PF0121 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PF0121
3
Electrical Characteristics (Tc = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Drain cutoff current
I
DS
—
—
500
µAV
DD = 17 V, VAPC = 0 V
Total efficiency
η
T
30
35
—
%
Pin = 2 mW, V
DD = 12.5 V,
2nd harmonic distortion
2nd H.D.
—
–50
–40
dBc
Pout = 13 W (at APC controlled),
3rd harmonic distortion
3rd H.D.
—
–55
–45
dBc
R
L = Rg = 50 Ω, Tc = 25°C
Input VSWR
VSWR (in) —
2
3
—
Output power (1)
Pout (1)
17
23
—
W
Pin = 2 mW, V
DD = 12.5 V, VAPC = 7 V,
R
L =Rg = 50 Ω, Tc = 25°C
Output power (2)
Pout (2)
9
12
—
W
Pin = 2 mW, V
DD = 10.3V, VAPC = 7 V,
R
L = Rg = 50 Ω, Tc = 80°C
Isolation
—
—
–60
–40
dBm
Pin = 2 mW, V
DD = 12.5 V, VAPC = 0.5 V,
R
L = Rg = 50 Ω, Tc = 25°C
Switching time
t
r, t f
—
1.5
2
µs
Pin = 2 mW, V
DD = 12.5 V, Pout = 13 W,
R
L = Rg = 50 Ω, Tc = 25°C
Stability
—
No parasitic oscillation —
Pin = 2 mW, V
DD = 12.5 V,
Pout
≤ 13 W (at APC controlled),
Rg = 50
Ω, Tc = 25°C,
Output VSWR = 20:1 All phases
Test System Diagram
S.G
L.P.F
3dB
ATT
Power
Meter
Test
Fixture
RF SW.
Power Meter
Phase
Shifter
Directional
Coupler
VAPC VDD
Directional
Coupler
Spectrum
Analyzer
Short



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com