Electronic Components Datasheet Search
  English  ▼

X  

PF0121 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # PF0121
Description  MOS FET Power Amplifier Module for GSM Mobile Phone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

PF0121 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  PF0121 Datasheet HTML 1Page - Hitachi Semiconductor PF0121 Datasheet HTML 2Page - Hitachi Semiconductor PF0121 Datasheet HTML 3Page - Hitachi Semiconductor PF0121 Datasheet HTML 4Page - Hitachi Semiconductor PF0121 Datasheet HTML 5Page - Hitachi Semiconductor PF0121 Datasheet HTML 6Page - Hitachi Semiconductor PF0121 Datasheet HTML 7Page - Hitachi Semiconductor PF0121 Datasheet HTML 8Page - Hitachi Semiconductor PF0121 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PF0121
2
Internal Diagram and External Circuit
G
GND
G
GND
Pin1
Pin
Pin2
VAPC
Pin3
VDD
Pin4
Pout
Pout
VDD
VAPC
Pin
Z1
C2
C1
Z2
FB1
FB2
C1 = 0.01
µF (Ceramic chip capacitor)
C2 = 330
µF (Aluminum Electrolyte Capacitor)
FB = Ferrite bead BL01RN1-A62-001 (Manufacture: MURATA) or equivalent
Z1 = Z2 = 50
Ω (Microstrip line)
Absolute Maximum Ratings (Tc = 25°C)
Item
Symbol
Rating
Unit
Supply voltage
V
DD
17
V
Supply current
I
DD
6A
APC voltage
V
APC
8V
Input power
Pin
20
mW
Operating case temperature
Tc (op)
–30 to +110
°C
Storage temperature
Tstg
–40 to +110
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com