Electronic Components Datasheet Search
  English  ▼

X  

HT1620 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT1620
Description  RAM Mapping 32x4 LCD Controller for I/O C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1620 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT1620 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
WRITE mode (successive address writing)
Note: It is recommended that the host controller should read with the data from the DATA line
between the raising edge of the RD line and the falling edge of the next RD line.
READ-MODIFY-WRITE mode (command code:101)
READ-MODIFY-WRITE mode (successive address accessing)
HT1620
12
July 26, 1999
DA T A
CS
WR
1
0
1A 5 A4 A3 A2 A1 A0 D0 D1 D2 D3
M e m o r y A ddr es s ( M A ) D at a( M A )
D0 D1 D2 D3 D0 D1 D2 D3 D0 D1 D2 D3 D0
Da t a ( M A + 1 )
Da t a ( M A + 2 )
Da t a ( M A + 3 )
DA T A
CS
WR
1
0
1 A5 A4 A3 A2 A1 A0 D0 D1 D2 D3
Me mo r y A d d r e s s 1 ( MA 1 )
D a t a ( M A 1 )
A5 A4 A3 A2 A1 A0 D0 D1 D2 D3
Me mo r y A d d r e s s 2 ( MA 2 )
D a t a ( M A 2 )
1
0
1
RD
D0 D1 D2 D3
Da t a ( M A 1 )
DA T A
CS
WR
1
0
1 A5 A4 A3 A2 A1 A0 D0 D1 D2 D3
Me mo r y A d d r e s s ( MA )
D a t a ( MA )
D0 D1 D2 D3 D0 D1 D2 D3 D0 D1 D2 D3 D0
Da t a ( M A )
Da t a ( M A + 1 )
Da t a ( M A + 1 )
RD
D1 D2 D3 D0
Da t a ( M A + 2 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com