Electronic Components Datasheet Search
  English  ▼

X  

HT1620 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT1620
Description  RAM Mapping 32x4 LCD Controller for I/O C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1620 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT1620 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 17Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application Circuits
* Notes: The connection of the IRQ and RD pin is selectable depending on the requirement of the mC.
VDD=2.4V~3.3V, VEE=-1/2 VDD,VLCD (LCD voltage)=VDD-VEE=3/2 VDD=3.6V~4.9V.
Adjust R (external pull-high resistance) to fit user¢s time base clock.
HT1620
14
July 26, 1999
0. 1 m F
IR Q
DA T A
CS
RD
WR
m C
H T 1620
LC D P a ne l
BZ
OSC I
OSC O
BZ
C r yst a l
3276 8H z
Os c i l l at or
C OM 0 ~ C OM 3
S E G0 ~ S E G 3 1
CC 1
C C 2
VE E
VO1 5 N
VD D
V D D
*
Pi e z o
1/ 2 or 1 / 3 B i a s ; 1 / 2 , 1/ 3 or 1 / 4 D ut y
R
*
3M W
0. 1 m F
0. 1 m F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com