Electronic Components Datasheet Search
  English  ▼

X  

HT16270 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT16270
Description  RAM Mapping 64 x16 LCD Controller for I/O C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16270 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT16270 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16270 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16270 Datasheet HTML 11Page - Holtek Semiconductor Inc HT16270 Datasheet HTML 12Page - Holtek Semiconductor Inc HT16270 Datasheet HTML 13Page - Holtek Semiconductor Inc HT16270 Datasheet HTML 14Page - Holtek Semiconductor Inc HT16270 Datasheet HTML 15Page - Holtek Semiconductor Inc HT16270 Datasheet HTML 16Page - Holtek Semiconductor Inc HT16270 Datasheet HTML 17Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application Circuits
*Note: The connection of IRQ and RD pin can be selected depending on the requirement of the mC.
The voltage applied to VLCD pin must be lower than VDD.
Adjust VR to fit LCD display, at VDD=5V, VLCD=4V, VR=15kW±20%.
Adjust R (external pull-high resistance) to fit user¢s time base clock.
HT16270
14
April 21, 2000
BZ
IR Q
H T 16270
DA T A
1/ 5 B i a s , 1/ 16 D u t y
CS
RD
WR
LC D P a ne l
C O M 0 ~ C OM 1 5
S E G0 ~ S E G 6 3
BZ
OS C I
OS C O
C r y s t a l 327 68H z o s c i l l a t or
Pi e z o
m C
*
R*
VR
*
VD D
VL C D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com