Electronic Components Datasheet Search
  English  ▼

X  

HT27LC020 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT27LC020
Description  OTP CMOS 256Kx 8-Bit EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27LC020 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT27LC020 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 9Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 10Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 11Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 12Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 13Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
32-pin TSOP (8´20) Outline Dimensions
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
¾¾
1.20
A1
0.05
¾
0.15
A2
0.95
¾
1.05
b
¾
0.22
¾
D
18.30
¾
18.50
HD
19.80
¾
20.20
E
7.90
¾
8.10
e
¾
0.50
¾
L
¾
0.60
¾
L1
¾
0.80
¾
q
0
°¾
5
°
HT27LC020
Rev. 1.50
10
December 8, 2003
y
L 1
H D
D
E
L
D e t a i l .
0 . 0 1 0
S e e D e t a i l .
A
A 2
A 1
b
S
S e a t i n g P l a n e
G
e
1
1 6
1 7
3 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com