Electronic Components Datasheet Search
  English  ▼

X  

HT27LC020 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT27LC020
Description  OTP CMOS 256Kx 8-Bit EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27LC020 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT27LC020 Datasheet HTML 1Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 2Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 3Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 4Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 5Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27LC020 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
HT27LC020
Rev. 1.50
5
December 8, 2003
Functional Description
Operation Mode
All the operation modes are shown in the table following.
Mode
CE
OE
PGM
A0
A1
A9
VPP
Output
Read
VIL
VIL
X (2)
X
X
X
VCC
Dout
Output Disable
VIL
VIH
XX
X
X
VCC
High Z
Standby (TTL)
VIH
XX
X
X
X
VCC
High Z
Standby (CMOS)
VCC
±0.3V
XX
X
X
X
VCC
High Z
Program
VIL
VIH
VIL
XX
X
VPP
DIN
Program Verify
VIL
VIL
VIH
XX
X
VPP
DOUT
Product Inhibit
VIH
XX
X
X
X
VPP
High Z
Manufacturer Code (3)
VIL
VIL
XVIL
VIH
VH (1)
VCC
1C
Device Code (3)
VIL
VIL
XVIH
VIH
VH (1)
VCC
02
Notes: (1) VH = 12.0V
±0.5V
(2) X=Either VIH or VIL
(3) For Manufacturer Code and Device Code, A1=VIH, When A1=VIL, both codes will read 7F
Programming of the HT27LC020
When the HT27LC020 is delivered, the chip has all
2048K bits in the
²ONE², or HIGH state. ²ZEROs² are
loaded into the HT27LC020 through programming.
The programming mode is entered when 12.5
±0.2V is ap-
plied to the VPP pin, OE is at VIH, and CE and PGM are
VIL. For programming, the data to be programmed is ap-
plied with 8 bits in parallel to the data pins.
The programming flowchart in Figure 3 shows the fast
interactive programming algorithm. The interactive al-
gorithm reduces programming time by using 30
msto
105
ms programming pulses and giving each address
only as many pulses as is necessary in order to reliably
program the data. After each pulse is applied to a given
address, the data in that address is verified. If the data
is not verified, additional pulses are given until it is veri-
fied or until the maximum number of pulses is reached
while sequencing through each address of the
HT27LC020. This process is repeated while sequenc-
ing through each address of the HT27LC020. This part
of the programming algorithm is done at VCC=6.0V to
assure that each EPROM bit is programmed to a suffi-
ciently high threshold voltage. This ensures that all bits
have sufficient margin. After the final address is com-
pleted, the entire EPROM memory is read at
VCC=VPP=3.3
±0.3V to verify the entire memory.
Program inhibit Mode
Programming of multiple HT27LC020 in parallel with dif-
ferent data is also easily accomplished by using the Pro-
gram Inhibit Mode. Except for CE, all like inputs of the
parallel HT27LC020 may be common. A TTL low-level pro-
gram pulse applied to an HT27LC020 CE input with VPP=
12.5
±0.2V, PGM Low, and OE High will program that
HT27LC020. A high-level CE input inhibits the HT27LC020
from being programmed.
Program Verify Mode
Verification should be performed on the programmed
bits to determine whether they were correctly pro-
grammed. The verification should be performed with
OE and CE at VIL, PGM at VIH, and VPP at its program-
ming voltage.
Auto Product Identification
The Auto Product Identification mode allows the read-
ing out of a binary code from an EPROM that will identify
its manufacturer and the type. This mode is intended for
programming to automatically match the device to be
programmed with its corresponding programming algo-
rithm. This mode is functional in the 25
°C±5°C ambient
temperature range that is required when programming
the HT27LC020.
To activate this mode, the programming equipment must
force 12.0
±0.5V on the address line A9 of the
HT27LC020. Two identifier bytes may then be sequenced
from the device outputs by toggling address line A0 from
VIL to VIH, when A1=VIH. All other address lines must be
held at VIH during Auto Product Identification mode.
Byte 0 (A0=VIL) represents the manufacturer code, and
byte 1 (A0=VIH), the device code. For HT27LC020,
these two identifier bytes are given in the Mode Select
Table. All identifiers for the manufacturer and device
codes will possess odd parity, with the MSB (DQ7) de-
fined as the parity bit. When A1=VIL, the HT27LC020
will read out the binary code of 7F, continuation code, to
signify the unavailability of manufacturer ID codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com