Electronic Components Datasheet Search
  English  ▼

X  

HT814D0 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT814D0
Description  8.4-Second LOG-PCM Speech
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT814D0 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT814D0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 9Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 10Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 11Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
HT814D0
8
March 15, 2000
¨
The playing sequence of sequential KEY1 is:
Group 1-1 ® Group 1-2 ® Group 1-3 ..... ®
Group 1-N (the last group) ® Group 1-1 .....
¨
The playing sequence of random KEY1 is:
Group 1-3 ® Group 1-5 ..... ® Group 1-N ®
Group 1-3 ® Group 1-5 .....
That KEY1 functions as a random key is a
special case of sequential key, which com-
bines a particular arrangement of sub-group
playing sequence.
¨
Reset of KEY1 playing sequence
If a sub-group of KEY1 is playing and one of
KEY2~KEY12 is triggered, the playing
sub-group will be terminated, and the newly
triggered key group is played instead. The
first sub-group will start playing by
retriggering KEY1. In other words, the
KEY1 playing sequence is reset whenever a
key other than KEY1 is triggered.
¨
Sub-group selection
When KEY1 is triggered with pulses, the de-
sired sub-group can be selected by controlling
its corresponding pulse number. However,
the features of KEY1 have to be set in the fol-
lowing ways:
-
Sequential or random
-
Retriggerable
-
Minimum key debounce time
(@700ms, fOSC=96kHz)
For instance, if sub-group 1-3 is the previous
playing group, sub-group 1-5 will start playing
after 2 pulses are applied to KEY1, and so on.
To make easy selection of KEY1 sub-groups,
one of KEY2~KEY12 should be programmed
as silence. Then this silence key has to be
triggered to reset KEY1. By so doing, the
playing sub-group of KEY1 is directly speci-
fied by the pulse number applied to KEY1
· KEY12 as a stop key (by mask option)
When KEY12 functions as a stop key, any
voice output can be stopped by pressing
KEY12.
· KEY1~KEY11 as a repeat key
KEY1~KEY11 all function as repeat keys if
one of the eleven keys is set as a repeat key. In
other words, once the mode of one of
KEY1~KEY11 is determined, the remaining
10 keys are set accordingly.
G rou p 1 - 1
G rou p 1 - 2
G rou p 1 - N
G rou p ( 2 ~ 1 2)
G rou p 1 - 1
KEY 1
KE Y2 ~ KEY 1 2
AU D
Reset of KEY1 playing sequence
G rou p 1 - N
N p u l s e
G rou p 1- M
M p u l s e
KE Y1
KE Y2 ~ KEY 1 2
( S i l enc e)
AU D
KEY1 sub-group selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com