Electronic Components Datasheet Search
  English  ▼

X  

HT814D0 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT814D0
Description  8.4-Second LOG-PCM Speech
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT814D0 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT814D0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 9Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 10Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 11Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 12Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
HT814D0
9
March 15, 2000
As a repeat key, the sections included can be
played sequentially and repeatedly till other
key input is triggered. KEY12 has no other
choice but functions as a stop key when
KEY1~KEY11 are set as repeat keys.
Key features
· Key priority
When two or more keys are triggered simulta-
neously, the output voice is determined by the
key priority as shown below:
KEY1>KEY2>......KEY11>KEY12
· Key debounce time
There are four kinds of key-in debounce time to
be selected by mask option, namely, 700ms,
22ms, 45ms and 180ms. The key debounce time
varies with the value of the system frequency.
· Pull-high resistance
Four kinds of key input pin pull-high resis-
tance can be selected by mask option,
namely, 20kW, 50kW, 100kW and 200kW.
The resistance may vary with VDD, tem-
peratures and the chip itself due to process
variations.
· Trigger mode
All of the 12 keys level hold function can be
optioned as one-shot trigger mode, or level
hold mode, or level-trigger mode.
¨
One shot
When one of the 12 keys (KEY1~KEY12) is
pressed and held down or pressed momen-
tarily, the group corresponding to that key
will play once.
¨
Level trigger
When one of the 12 keys is pressed and held
down, the corresponding group will keep
playing. Once the pressed key is released,
the group will not stop till the included sec-
tions are all completed.
¨
Level hold
When one of the 12 keys is pressed and held
down, the group corresponding to that held
key will play until the pressed key is re-
leased, then the group will immediately
stop regardless of the rest.
FLAG
When voices are playing, both FLAG1 and
FLAG2 pins are activated to output one of the
following signals through code option.
FLAG1 can be optioned as one of the following
signal outputs:
None, 3HzB flash, Busy, 6HzB flash, Voice indica-
tor, or End-pulse output
FLAG2, on the other hand, can be set as one of
the following signal outputs:
None, 3Hz flash, 6Hz flash, or Busy output
· 3Hz/3HzB flash
When voices are playing, the FLAG1 as well
as FLAG2 pin outputs a 3Hz signal to drive
an LED. The signal is active low, 25% duty.
Once the voice output is terminated, the
FLAG1 and FLAG2 pins become floating out-
puts. When the FLAG1 and the FLAG2 pins
are optioned as 3HzB and 3Hz outputs, they
will be alternately output at a 3Hz rate.
G roup N
G roup N
G roup N
KE Y N
AU D
AU D
FL A G
: F l oat i n g
G rou p N
G rou p N
G rou p N
KEY N
AU D
G rou p N
G rou p N
KE Y N
AU D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com