Electronic Components Datasheet Search
  English  ▼

X  

HT814D0 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT814D0
Description  8.4-Second LOG-PCM Speech
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT814D0 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT814D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 9Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 10Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 11Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 12Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 13Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 14Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 15Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Circuits
General application
HT814D0
11
March 15, 2000
8050
R
V DD
* T he I C s ubs t r at e s h o u l d be c onnec t e d t o V S S i n t he P C B l a y out a rt w ork .
R = 100 W ~ 330 W
SPK
8 W
KEY1
R OS C
H T 814D 0
VD D
R
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
KEY4
KEY3
KEY2
KEY1
H T 814D 0
KE Y1 0
KE Y1 1
KE Y1 2
R OS C
VD D
R
R
8050
SPK
8 W
V DD
KEY2
KEY3
19
20
21
22
KEY4
KEY5
KEY6
KEY7
KEY8
KEY9
KEY1 0
23
24
1
2
3
4
KEY1 1
5
KEY1 2
6
OS C 1
11
OS C 2
8
12
14
9
7
15
16
17
18
FL A G 1
FL A G 2
AU D
NC
NC
NC
NC
NC
VSS
13
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com