Electronic Components Datasheet Search
  English  ▼

X  

HT84072 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT84072
Description  Magic VoiceTM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT84072 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT84072 Datasheet HTML 14Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 15Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 16Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 17Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 18Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 19Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 20Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 21Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Application Notes
Easy FormatTM
The syntax of the Easy FormatTM consists of four major parts. They are format and audio file decla-
ration part, input states declaration part, output states declaration part and path command part.
The architecture of the Easy FormatTM program is shown as follows:
EASY n
; Comment
; Format and audio file declaration part
....
Stereo/Mono
; Two AUD output or single AUD output
INPUT STATES
; Input states declaration part
....
OUTPUT STATES ; Output states declaration part
....
PATHS
; Path command part
....
Note: Easy FormatTM is a trademark of Grow With Me, Inc.
Format and voice/melody file declaration
In this area the format and audio file declaration are used to define the number of input and output
as well as declare the audio format.
Syntax: EASY n
The EASY n command is used to define the maximum number of trigger input in the application cir-
cuit. The alphanumeric n represents the number of trigger input where n has the choice from 4 to 64
with a scale 4. However, the determination of trigger input reflects the number of output. The rela-
tion of the number of I/O is shown in the following table.
EASY n
TRn
OUTn
EASY 4
TR1, TR2, TR3, TR4
OUT1, OUT2, ...., OUT7
EASY 8
TR1, TR2, ...., TR8
OUT1, OUT2, ...., OUT6
EASY 12
TR1, TR2, ...., TR12
OUT1, OUT2, ...., OUT5
EASY 16
TR1, TR2, ...., TR16
OUT1, OUT2, ...., OUT4
EASY 20
TR1, TR2, ...., TR20
OUT1, OUT2, OUT3
EASY 24
TR1, TR2, ...., TR24
OUT1, OUT2
EASY 28
TR1, TR2, ...., TR28
OUT1
EASY 32
TR1, TR2, ...., TR32
EASY 64
TR1, TR2, ...., TR64
* refer to the application circuit
HT84XXX
18
April 26, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com