Electronic Components Datasheet Search
  English  ▼

X  

HT84072 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT84072
Description  Magic VoiceTM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT84072 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT84072 Datasheet HTML 23Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 24Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 25Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 26Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 27Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 28Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 29Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 30Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 31Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Application 7 ¾ Police car
This is a full program application example to demonstrate how Easy Format handles a complicated
design requirement. All the work is to be done on a single page.
There are four input trigger buttons and two output pins to drive two LEDs.
· BUTTON #1: Turn ON (START) or OFF the engine.
· BUTTON #2: Gas pedal to give ACCELERATION sound from idle and then keep on at a steady
running sound.
· BUTTON #3: SIREN sound On/Off: toggle ON and toggle Off.
· BUTTON #4: BRAKE, triggers deceleration sound and then brings the car to idle.
· LEDs OUTPUTs: Blinks in opposite phase when the Siren sound is on. That is when one light is on,
the other light is off in an alternating pattern.
· TIME OUT REQUIREMENTS: every sound needs to be automatically shut down after a specified
period if no more trigger signal is received.
Easy FormatTM application example: Police Car flow chart
HT84XXX
28
April 26, 2000
ST AR T
AC C E L
SI R E N
BR AK E
L1
L2
RUN
SI R E N
S I RE N+ RU N
ST O P
ID L E
P 32B R A K E
P 23A C C E L
P 53S I R E N O N
P 53S I R E N O F F
P 13A C C E L
P 14S I R E N O N
P 54B R A K E
P 41S I R E N O F F
P 21S T A R T
P 12S T A R T
P 25S I R E N O N
P 45A C C E L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com