| Electronic Components Datasheet Search |
|
HT84072 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT84072 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc |
|
19 / 31 page ![]() Syntax: voice_file/compression_method melody_file tone_file The source audio files must be included in your Easy program. The audio files include the voice files with the extended name .PCM or .WAV, the melody files with .MID or .MLD format and the tone files with Holtek¢s .HT8 format. The compression methods of voice files have three options such as m-law PCM, PCM8 and AD4. Example: voice1.wav/pcm8 ; #0 voice files declaration voice2.pcm/ad4 ; #1 melody1.mid ; #2 melody files declaration melody2.mld ; #3 tone1.ht8 ; #4 tone files declaration Stereo/Mono: The audio output selection. If the audio output is declared as ²Stereo², the channel 1 voice will output via AUD1 and the channel 2 voice will output via AUD2. If the audio output is declared as ²Mono², the channel 1 and channel 2 voices will mixedly output via AUD1 and AUD2 is invalid. The default declaration is ²Mono². The au- dio file compressed by AD4 cannot output through channel 2. If the melody file out- puts through channel 2, the melody file cannot include any channel 1 instructions. Input states declaration Syntax: INPUT STATES ; TRn .... statename: [rising_edge_path][/falling_edge_path] .... The bracket [ ] is denoted as optional existence. If the path is assigned as ²X², the input trigger signal is ignored. Unassigned trigger paths will automatically be assigned as ²X². When TRn detects a ris- ing edge or a falling edge signal, the path name of the rising edge path or falling edge path will be exe- cuted. The statename and path label can be any name defined by the user. The ²/² denotes the falling edge path. The maximum number of statename are 256 and the maximum number of different pathname are 128. Example: INPUT STATES ; input states declaration ; TR1 TR2 TR3 Run: P12Start /P13Stop P14Go/P15Pause where ²Run² denotes the input statename and ²P12Start², ²/P13Stop², ²P14Go² and ²/P15Pause² are all pathnames. When a rising edge signal triggers the TR1, then the path of P12Start will be exe- cuted. And if a falling edge signal triggers the TR1, then the signal is ignored, etc. HT84XXX 19 April 26, 2000 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |