Electronic Components Datasheet Search
  English  ▼

X  

HT9480 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
Division Ratio Option
Crystal Type and Time-Out Period
WS2
WS1
WS0
Division Ratio
153.6kHz
76.8kHz
32.768kHz
0
0
0
1:1
13.3ms
26.7ms
62.5ms
0
0
1
1:2
26.7ms
53.3ms
125ms
0
1
0
1:4
53.3ms
106.7ms
250ms
0
1
1
1:8
106.7ms
213.3ms
500ms
1
0
0
1:16
213.3ms
426.7ms
1000ms
1
0
1
1:32
426.7ms
853.3ms
2000ms
1
1
0
1:64
853.3ms
1706.7ms
4000ms
1
1
1
1:128
1706.7ms
3413.3ms
8000ms
WDTs register
An external clock can also be applied to OSC1.
In this application, the mask option for the
crystal type oscillator should be selected, and
OSC2 kept open.
The low power crystal oscillator is designed for
the pager subsystem and is used to clock the
frequency divider, pager decoder, and LCD
driver. When the system enters the powerdown
mode the crystal oscillator for the pager subsys-
tem keeps running.
Watchdog timer – WDT
The clock source of the watchdog timer (WDT)
is im plemente d by a subsystem clock
(WDTCLK from the pager subsystem which re-
mains running during a system halt) or by an
instruction clock (the system clock divided by
4), that is decided by mask option. The value of
WDTCLK can be set as 153.6kHz/1024 (or 2048),
76.8kHz/1024 (or 2048), or 32.768kHz/1024 (or
2048), depending upon the different crystal
type. The WDT is the program designed to
avoid software malfunctions or sequence from
jumping to an unknown location with unpre-
dictable results. It can be disabled by mask
option. If the WDT is disabled, all the execu-
tions related to the WDT lead to no operations.
If the subsystem clock is selected, it is first
divided by 256 (8 stages) to get the nominal
time-out period. Longer time-outs can be real-
ized by invoking the WDT prescaler. Writing
data to WS2, WS1, and WS0 (bits 2,1,0 of the
WDTS) can yield different time-out periods. If
the values of WS2, WS1, and WS0 are all equal
to 1, the division ratio is up to 1:128.
On the other hand, if the instruction clock is
applied, the WDT operates in the same manner
as the case when the subsystem clock is chosen,
except that in the HALT state the WDT stops
counting and lose its protection purpose. In this
situation, the WDT logic can be restarted by
external logic. The high nibble and bit 3 of the
WDTS is reserved for user defined flags, which
can be used to indicate some specified status.
The overflow of the WDT under normal opera-
tion not only initializes the “chip reset”, but sets
the status bit “TO”. An overflow in the HALT
System clock oscillator
HT9480
15
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com