Electronic Components Datasheet Search
  English  ▼

X  

HT9480 Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 32Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 33Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 34Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 35Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 36Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 37Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 38Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 39Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
Mask option
The following table illustrates nine kinds of mask options in the HT9480. All of the options should
be defined to ensure proper system functioning.
No.
Mask Option
1
HALT function selection. This option defines the way of enabling or disabling the HALT
function.
2
WDT source selection. This option selects the WDT source, from either the subsystem clock,
or instruction clock, or disabling the WDT function.
3
CLRWDT times selection. This option defines the way of clearing the WDT by instruction.
“Once” means that the “CLR WDT” can clear the WDT and “Twice” implies that the “CLR
WDT1” and “CLR WDT2” should be executed before the time-out so as to clear the WDT.
4
Wake-up selection. This option defines the wake-up activity. Port A has the capability of
waking-up the chip from HALT.
5
PB, PC0, and PC1 pull-high options
6
µC OSC type selection. This option is to decide if an RC or Crystal oscillator is chosen as
the system clock.
7
WDT prescaler selection. The prescaler can be set to 1/1024 or 1/2048
8
FOUT connection selection. The FOUT output can be connected to the OSC1 input or not.
9
Double frequency selection. The FOUT can be doubled from the X1 input clock.
HT9480
36
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com