Electronic Components Datasheet Search
  English  ▼

X  

HT9480 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 27Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 28Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 29Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 30Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 31Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 32Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 33Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 34Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
Error indication
After error correction, any code-word contain-
ing more than two bits random error or four bits
burst error (option) in address or message code-
word may be indicated from the error flag posi-
tion.
Data transfer
Data transfer is initiated once the code-word is
already received. When the HT9480 is ready to
transfer the received call data, an external in-
terrupt will be generated via output INT. Any
message data can be read by accessing the 1FH
address of the
µC RAM map via the µC internal
bus.
The address word indicates call address, func-
tion bit setting, and decoder flags. The message
code-words are received and concatenated to a
valid call address word. The message words
derived from un-corrected message code-words.
Data transfer for a received call ends right after
the termination word is transferred.
Address word format
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
Sync.
State
Call
address
Dup.
Call
0
Function
code
Bit 0: Bit 21 of the address code-word
Bit 1: Bit 20 of the address code-word
Bit 2=0 is to tell the difference between termi-
nation and address word format
Bit 3=1 if a duplicate code-word.
Bit 6
Bit 5
Bit 4
Call Address
00
0
RIC A
00
1
RIC B
01
0
RIC C
01
1
RIC D
10
0
RIC E
10
1
RIC F
11
0
—
11
1
—
Bit 7= 1 if an address code-word is received in
the data fail mode.
Interrupt indication
The HT9480 provides an internal data ready
interrupt and a battery fail interrupt. The in-
ternal data ready interrupt and battery fail
interrupt share the same pin connection.
Checking the battery fail interrupt bit (BF; bit
4 of 1EH) and the data ready interrupt bit (DR;
bit 7 of 1 EH) will tell which type of interrupt
has
occurred. Both interrupt bits are active
low.
Out-of-range indication
The out-of-range condition occurs when the
time interval defined by SPF06, SPF07 does not
receive any preamble or sync code word. This
signal will be used as “loss of RF signal” indica-
tor.
HT9480
31
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com