Electronic Components Datasheet Search
  English  ▼

X  

APE8901MP Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # APE8901MP
Description  1A ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8901MP Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  APE8901MP Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Advanced Power
Electronics Corp.
APE8901
BLOCK DIAGRAM
PIN DESCRIPTION
FB
VIN
VCNTL
POK
EN
4
Connecting this pin to an external resistor divider receives the feedback voltage of the
regulator. The output voltage set by the resistor divider is determined by:
Where R1 is connected from VOUT to FB with Kelvin sensing and R2 is connected from FB
to GND. A bypass capacitor may be connected with R1in parallel to improve load transient
response. The recommended R2 and R1 are in the range of 1K~100kΩ.
Main supply input pins for power conversions. The voltage at this pin is monitored for Power-
On Reset purpose.
Power input pin of the control circuitry. Connecting this pin to a +5V (recommended) supply
voltage provides the bias for the control circuitry. The voltage at this pin is monitored for Power-On
Reset purpose.
Power-OK signal output pin. This pin is an open-drain output used to indicate status of
output voltage by sensing FB voltage. This pin is pulled low when the rising FB voltage is not above
the VPOK threshold or the falling FB voltage is below the VPOK threshold, indicating the output is
not OK.
Enable control pin. Pulling and holding this pin below 0.4V shuts down the output. When re-
enabled, the IC undergoes a new soft-start cycle. Left this pin open, this pin is internal pulled up to
VCNTL voltage, enabling the regulator.
-
+
VIN
VOUT
GND
Error
Amp
EN
VCNTL
Soft-Start
And
Control Logic
Power -ON
Reset
Current
Limit
Enable
Thermal
Shutdown
Bandgap
FB
POK
Delay
POK
-
+
UV
0.4V
90%
Vref
N-MOSFET
90Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com