Electronic Components Datasheet Search
  English  ▼

X  

APE8901MP Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # APE8901MP
Description  1A ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8901MP Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  APE8901MP Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Advanced Power
Electronics Corp.
APE8901
ABSOLUTE MAXIMUM RATINGS(at T
A=25
oC)
VCNTL Supply Voltage (VCNTL) --------------------------- -0.3V to 7V
VIN Supply Voltage (VIN) ---------------------------------- -0.3V to 6V
EN & FB Pin Voltage (VI/O) ------------------------------- -0.3V to VCNTL+0.3V
Power Voltage (VPOK) --------------------------------------- -0.3V to 7V
Power Dissipation (PD)
ESOP-8 ------- 3W
DFN 2x2 ------ 0.8W
Storage Temperature Range (TST) ---------------------- -65°C To 150°C
Junction Temperature Range (TJ) ----------------------- -40°C To 125°C
Operating Temperature Range (TOP) ------------------- -40°C To 85°C
Thermal Resistance Junction to Ambient (Rthja)
ESOP-8 ------- 40°C/W
DFN 2x2 ------ 125°C/W
Thermal Resistance Junction to Case (Rthjc)
ESOP-8 ------- 15°C/W
DFN 2x2 ------ 20°C/W
RECOMMENDED OPERATING CONDITIONS
VCNTL Supply Voltage (VCNTL) -------------------------- 3V to 6V
VIN Supply Voltage (VIN) ---------------------------------- 1V to 5.5V
Output Voltage (VOUT) -------(VCNTL-VOUT > 1.9V)----- 0.8V to 2.8V
Output Current (IOUT) --------------------------------------- 0 to 1A
ORDERING / PACKAGE INFORMATION
2
Note. Rthja is measured with the PCB copper area (need connect to Expose-Pad) of approximately 1.5 in
2 (Multi-layer) by ESOP-8 and DFN-8L packages.
Package Type
MP : ESOP-8
APE8901X
GN2 : DFN 2x2
( Top View)
1
2
3
4
8
7
6
5 NC
VOUT
ESOP-8
GND
FB
EN
POK
VIN
VCNTL
GND
DFN 2x2
VOUT
POK
VIN
12
3
4
5
6
EN
NC
FB
(TOP VIEW)
7
8
VCNTL
GND
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com