Electronic Components Datasheet Search
  English  ▼

X  

APE8901MP Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # APE8901MP
Description  1A ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8901MP Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  APE8901MP Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8901MP Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advanced Power
Electronics Corp.
1A ULTRA LOW DROPOUT LINEAR REGULATOR
FEATURES
DESCRIPTION
Ultra Low Dropout - 0.2V(typical) at 1A Output Current
Low ESR Output Capacitor (Multi-layer Chip
Capacitors (MLCC)) Applicable
0.8V Reference Voltage
Fast Transient Response
Adjustable Output Voltage by External Resistors
Power-On-Reset Monitoring on Both VCNTL
and VIN Pins
Internal Soft-Start
Under-Voltage Protection
Current-Limit and Thermal Shutdown Protection
Power-OK Output with a Delay Time
ESOP-8 and DFN 2x2 Pb-Free Packages.
TYPICAL APPLICATION CIRCUIT
1. Using an Output Capacitor with ESR > 20mΩ
2. Using an MLCC as the Output Capacitor
Data and specifications subject to change without notice
201010203
APE8901
1
The APE8901 is a 1A ultra low dropout linear
regulator. This product is specifically designed to provide
well supply voltage for front-side-bus termination on
motherboards and NB applications. The IC needs two
supply voltages, a control voltage for the circuitry and a
main supply voltage for power conversion, to reduce power
dissipation and provide extremely low dropout. The
APE8901 integrates many functions. A Power-On-Reset
(POR) circuit monitors both supply voltages to prevent
wrong operations. A thermal shutdown and current limit
functions protect the device against thermal and current
over-loads. A POK indicates the output status with time
delay which is set internally. It can control other converter
for power sequence. The APE8901 can be enabled by
other power system. Pulling and holding the EN pin below
0.3V shuts off the output.
The APE8901 is available in ESOP-8 and DFN 2x2
packages. That features small size as SOP-8 with an
Exposed Pad to reduce the junction-to-case resistance,
being applicable in 2~3W applications.
C1
1uF
R1
1K
Vout=1.2V/1A
VIN=1.5V
R3
1K
VCNTL=5V
C4
220uF
C5
0.1u
U1
APE8901
VCNTL
FB
VOUT
GND
NC
EN
POK
VIN
C2
100uF
C3
0.1uF
C6
12~48nF
R2
2K
OFF
ON
VIN=1.5V
R3
1K
Vout=1.2V/1A
U2
APE8901
VCNTL
FB
VOUT
GND
NC
EN
POK
VIN
C6
56pF
C5
22u
C1
1uF
C3
22uF
VCNTL=5V
R2
78K
R1
39K
OFF
ON
VFB =0.8V
VOUT=VFB x (1+R1/R2)


Similar Part No. - APE8901MP

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8902C A-POWER-APE8902C_14 Datasheet
102Kb / 9P
2A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - APE8901MP

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
1A Ultra Low-Dropout Linear Regulator
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
1A Ultra Low-Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
1A Ultra Low Dropout Linear Regulator
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
1A Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com