Electronic Components Datasheet Search
  English  ▼

X  

AT-32011 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # AT-32011
Description  Low Current, High Performance NPN Silicon Bipolar Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT-32011 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button AT-32011 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 9Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4-60
AT-32011 Typical Noise Parameters,
Common Emitter, Zo = 50
Ω, 2.7 V, I
C = 2 mA
Freq.
Fmin
Rn
GHz
dB
Mag
Ang
–
0.5[1]
0.52
0.73
20
0.34
0.9
0.75
0.63
49
0.28
1.8
1.26
0.44
111
0.16
2.4
1.60
0.45
153
0.09
Note:
1. 0.5 GHz noise parameter values are extrapolated, not measured.
AT-32011 Typical Scattering Parameters, Common Emitter, Zo = 50
Ω
VCE = 5 V, IC = 2 mA
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.95
-13
16.65
6.80
170
-35.84
0.016
82
0.99
-6
0.5
0.81
-57
15.18
5.74
137
-23.56
0.066
58
0.87
-23
0.9
0.68
-93
13.16
4.55
113
-20.72
0.092
43
0.74
-34
1.0
0.64
-100
12.69
4.31
109
-20.42
0.095
40
0.72
-36
1.5
0.55
-133
10.31
3.28
88
-19.49
0.106
32
0.63
-43
1.8
0.51
-150
9.05
2.84
78
-19.29
0.109
29
0.60
-47
2.0
0.49
-161
8.43
2.64
71
-19.22
0.109
28
0.58
-50
2.4
0.47
180
7.06
2.25
60
-19.03
0.112
29
0.55
-55
3.0
0.47
153
5.29
1.84
45
-18.72
0.116
31
0.54
-62
4.0
0.52
118
3.07
1.42
24
-17.19
0.138
37
0.52
-75
5.0
0.59
94
1.17
1.14
6
-14.73
0.183
38
0.51
-92
Γ
opt
0
0
FREQUENCY (GHz)
23
30
15
10
4
20
MSG
MAG
S21
Figure 23. AT-32011 Gains vs.
Frequency at VCE = 5 V, I C = 2 mA.
AT-32033 Typical Scattering Parameters, Common Emitter, Zo = 50
Ω
VCE = 5 V, IC = 2 mA
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.94
-13
16.56
6.73
167
-35.39
0.017
82
0.99
-5
0.5
0.69
-54
14.34
5.21
128
-23.74
0.065
62
0.85
-21
0.9
0.45
-82
11.62
3.81
102
-20.92
0.090
56
0.73
-28
1.0
0.40
-89
11.03
3.56
98
-20.35
0.096
55
0.72
-30
1.5
0.23
-121
8.33
2.61
77
-18.49
0.119
56
0.66
-35
1.8
0.17
-147
7.04
2.25
68
-17.39
0.135
58
0.65
-37
2.0
0.15
-167
6.36
2.08
62
-16.59
0.148
59
0.63
-40
2.4
0.14
151
5.06
1.79
51
-15.14
0.175
60
0.62
-44
3.0
0.20
109
3.52
1.50
37
-12.92
0.226
59
0.61
-53
4.0
0.31
76
1.66
1.21
19
-9.55
0.333
53
0.59
-70
5.0
0.38
55
0.26
1.03
5
-6.80
0.457
42
0.55
-90
AT-32033 Typical Noise Parameters,
Common Emitter, Zo = 50
Ω, 5 V, I
C = 2 mA
Freq.
Fmin
Rn
GHz
dB
Mag
Ang
–
0.5[1]
0.52
0.79
15
0.42
0.9
0.75
0.65
48
0.30
1.8
1.26
0.33
127
0.11
2.4
1.60
0.39
-166
0.07
Note:
1. 0.5 GHz noise parameter values are extrapolated, not measured.
Γ
opt
0
0
FREQUENCY (GHz)
23
30
15
10
4
20
MSG
MAG
S21
MSG
Figure 24. AT-32033 Gains vs.
Frequency at VCE = 5 V, I C = 2 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com