Electronic Components Datasheet Search
  English  ▼

X  

AT-32011 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # AT-32011
Description  Low Current, High Performance NPN Silicon Bipolar Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT-32011 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  AT-32011 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4-53
Low Current, High Performance
NPN Silicon Bipolar Transistor
Technical Data
Features
• High Performance Bipolar
Transistor Optimized for
Low Current, Low Voltage
Operation
• 900 MHz Performance:
AT-32011: 1 dB NF, 14 dB GA
AT-32033: 1 dB NF, 12.5 dB GA
• Characterized for End-Of-
Life Battery Use (2.7 V)
• SOT-23 and SOT-143 SMT
Plastic Packages
• Tape-And-Reel Packaging
Option Available[1]
Description
Hewlett Packard’s AT-32011 and
AT-32033 are high performance
NPN bipolar transistors that have
been optimized for maximum ft at
low voltage operation, making
them ideal for use in battery
powered applications in wireless
markets. The AT-32033 uses the
3 lead SOT-23, while the AT-320 11
places the same die in the higher
performance 4 lead SOT-143. Both
packages are industry standard,
and compatible with high volume
surface mount assembly
techniques.
The 3.2 micron emitter-to-emitter
pitch and reduced parasitic design
of these transistors yields
extremely high performance
products that can perform a
multiplicity of tasks. The
20 emitter finger interdigitated
geometry yields an easy to match
to and extremely fast transistor
with moderate power, low noise
resistance, and low operating
currents.
Optimized performance at 2.7 V
makes these devices ideal for use
in 900 MHz, 1.8 GHz, and 2.4 GHz
battery operated systems as an
LNA, gain stage, buffer, oscillator,
or active mixer. Typical amplifier
designs at 900 MHz yield 1.2 dB
noise figures with 12 dB or more
associated gain at a 2.7 V, 2 mA
bias, with noise performance
being relatively insensitive to
input match. High gain capability
at 1 V, 1 mA makes these devices a
good fit for 900 MHz pager
applications. Voltage breakdowns
are high enough for use at 5 volts.
The AT-3 series bipolar transistors
are fabricated using an optimized
version of Hewlett Packard’s
10 GHz ft, 30 GHz fMAX Self-
Aligned-Transistor (SAT) process.
The die are nitride passivated for
surface protection. Excellent
device uniformity, performance
and reliability are produced by the
use of ion-implantation, self-
alignment techniques, and gold
metalization in the fabrication of
these devices.
AT-32011
AT-32033
BASE
EMITTER
EMITTER COLLECTOR
BASE
EMITTER
COLLECTOR
320
320
SOT-23 (AT-32033)
SOT-143 (AT-32011)
Note:
1. Refer to “Tape-and-Reel Packaging for Semiconductor Devices.”
Outline Drawing
5965-8920E


Similar Part No. - AT-32011

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AT-32011 AVAGO-AT-32011 Datasheet
297Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
AT-32011 BOARDCOM-AT-32011 Datasheet
297Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
More results

Similar Description - AT-32011

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-30511 HP-AT-30511 Datasheet
101Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 HP-AT-31011 Datasheet
137Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32063 HP-AT-32063 Datasheet
86Kb / 8P
Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-31011 AVAGO-AT-31011 Datasheet
274Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32011 AVAGO-AT-32011 Datasheet
297Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 AVAGO-AT-32032 Datasheet
1Mb / 14P
Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
DEMO-AT32063 BOARDCOM-DEMO-AT32063 Datasheet
218Kb / 8P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32011 BOARDCOM-AT-32011 Datasheet
297Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 BOARDCOM-AT-32032 Datasheet
1Mb / 14P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32063 BOARDCOM-AT-32063 Datasheet
218Kb / 8P
Low Current, High Performance NPN Silicon Bipolar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com