Electronic Components Datasheet Search
  English  ▼

X  

AT-32011 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # AT-32011
Description  Low Current, High Performance NPN Silicon Bipolar Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT-32011 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  AT-32011 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4-55
Characterization Information, TA = 25°C
AT-32011
AT-32033
Symbol
Parameters and Test Conditions
Units
Typ.
Typ.
P1dB
Power at 1 dB Gain Compression (opt tuning)
VCE = 2.7 V, IC = 20 mA
f = 0.9 GHz
dBm
13
13
G1dB
Gain at 1 dB Gain Compression (opt tuning)
VCE = 2.7 V, IC = 20 mA
f = 0.9 GHz
dB
16.5
15
IP3
Output Third Order Intercept Point (opt tuning)
VCE = 2.7 V, IC = 20 mA
f = 0.9 GHz
dBm
24
24
|S
21|E
2
Gain in 50
Ω System
V
CE = 2.7 V, IC = 2 mA
f = 0.9 GHz
dB
13
11.5
0
0
FREQUENCY (GHz)
1
1.5
2
1
0.5
0.5
2.5
1.5
2
1 mA
2 mA
5 mA
10 mA
20 mA
0
0
FREQUENCY (GHz)
1.0
1.5
25
10
5
0.5
2.5
15
2.0
20
1 mA
2 mA
5 mA
10 mA
20 mA
0
0
FREQUENCY (GHz)
1.0
1.5
10
5
0.5
2.5
15
2.0
20
1 mA
2 mA
5 mA
10 mA
20 mA
Figure 4. AT-32033 Associated Gain at
Optimum Noise Match vs. Frequency
and Current at VCE = 2.7 V.
Figure 2. AT-32011 and AT-32033
Minimum Noise Figure vs. Frequency
and Current at VCE = 2.7 V.
Figure 3. AT-32011 Associated Gain at
Optimum Noise Match vs. Frequency
and Current at VCE = 2.7 V.
Figure 6. AT-32011 1 dB Compressed
Gain vs. Frequency and Current at
VCE =2.7 V.
Figure 5. AT-32011 and AT-32033
Power at 1 dB Gain Compression vs.
Frequency and Current at VCE = 2.7 V.
Figure 7. AT-32033 1 dB Compressed
Gain vs. Frequency and Current at
VCE =2.7 V.
0
-5
FREQUENCY (GHz)
1.0
1.5
20
5
0
0.5
2.5
10
2.0
15
2 mA
5 mA
10 mA
20 mA
0
0
FREQUENCY (GHz)
1.0
1.5
20
10
5
0.5
2.5
15
2.0
2 mA
5 mA
10 mA
20 mA
0
0
FREQUENCY (GHz)
1.0
1.5
20
10
5
0.5
2.5
15
2.0
2 mA
5 mA
10 mA
20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com