Electronic Components Datasheet Search
  English  ▼

X  

ATF10136 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # ATF10136
Description  0.5-12 GHz Low Noise Gallium Arsenide FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF10136 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  ATF10136 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF10136 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF10136 Datasheet HTML 3Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5-23
0.5 – 12 GHz Low Noise
Gallium Arsenide FET
Technical Data
Features
• Low Noise Figure:
0.5 dB Typical at 4 GHz
• Low Bias:
VDS=2V,IDS = 20mA
• High Associated Gain:
13.0 dB Typical at 4 GHz
• High Output Power:
20.0 dBm Typical P1 dB at 4 GHz
• Cost Effective Ceramic
Microstrip Package
• Tape-and Reel Packaging
Option Available [1]
ATF-10136
36 micro-X Package
Electrical Specifications, TA = 25°C
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
NFO
Optimum Noise Figure: VDS = 2 V, IDS = 25 mA
f = 2.0 GHz
dB
0.4
f = 4.0 GHz
dB
0.5
0.6
f = 6.0 GHz
dB
0.8
GA
Gain @ NFO; VDS = 2 V, IDS = 25 mA
f = 2.0 GHz
dB
16.5
f = 4.0 GHz
dB
12.0
13.0
f = 6.0 GHz
dB
11.0
P1 dB
Power Output @ 1 dB Gain Compression
f = 4.0 GHz
dBm
20.0
VDS = 4 V, IDS = 70 mA
G1 dB
1 dB Compressed Gain: VDS = 4 V, IDS = 70 mA
f = 4.0 GHz
dB
12.0
gm
Transconductance: VDS = 2 V, VGS = 0 V
mmho
70
140
IDSS
Saturated Drain Current: VDS = 2 V, VGS = 0 V
mA
70
130
180
VP
Pinchoff Voltage: VDS = 2 V, IDS = 1 mA
V
-4.0
-1.3
-0.5
Note:
1. Refer to PACKAGING section “Tape-and-Reel Packaging for Surface Mount Semiconductors.”
Description
The ATF-10136 is a high performance
gallium arsenide Schottky-barrier-
gate field effect transistor housed in a
cost effective microstrip package. Its
premium noise figure makes this
device appropriate for use in the first
stage of low noise amplifiers operat-
ing in the 0.5-12 GHz frequency range.
This GaAs FET device has a nominal
0.3 micron gate length using airbridge
interconnects between drain fingers.
Total gate periphery is 500 microns.
Proven gold based metallization
systems and nitride passivation
assure a rugged, reliable device.
5965-8701E


Similar Part No. - ATF10136

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATF1040 ETC2-ATF1040 Datasheet
41Kb / 3P
FAST SWITCHING THYRISTOR
logo
Power Semiconductors
ATF1040 POSEICO-ATF1040 Datasheet
81Kb / 3P
FAST SWITCHING THYRISTOR
logo
List of Unclassifed Man...
ATF1040S20A ETC2-ATF1040S20A Datasheet
41Kb / 3P
FAST SWITCHING THYRISTOR
ATF1040S20B ETC2-ATF1040S20B Datasheet
41Kb / 3P
FAST SWITCHING THYRISTOR
ATF1040S20C ETC2-ATF1040S20C Datasheet
41Kb / 3P
FAST SWITCHING THYRISTOR
More results

Similar Description - ATF10136

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-10100 HP-ATF-10100 Datasheet
51Kb / 4P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10236 HP-ATF-10236 Datasheet
47Kb / 3P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-13100 HP-ATF-13100 Datasheet
43Kb / 3P
2-18 GHz Low Noise Gallium Arsenide FET
ATF-13336 HP-ATF-13336 Datasheet
46Kb / 3P
2-16 GHz Low Noise Gallium Arsenide FET
ATF-13736 HP-ATF-13736 Datasheet
49Kb / 4P
2-16 GHz Low Noise Gallium Arsenide FET
ATF-21170 HP-ATF-21170 Datasheet
47Kb / 3P
0.5-6 GHz Low Noise Gallium Arsenide FET
ATF-21186 HP-ATF-21186 Datasheet
75Kb / 8P
0.5-6 GHz General Purpose Gallium Arsenide FET
ATF-25170 HP-ATF-25170 Datasheet
44Kb / 3P
0.5-10 GHz Low Noise Gallium Arsenide FET
ATF-25570 HP-ATF-25570 Datasheet
44Kb / 3P
0.5-10 GHz General Purpose Gallium Arsenide FET
ATF-13284 HP-ATF-13284 Datasheet
132Kb / 2P
1-16 GHz Low Noise Gallium Arsenide FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com