Electronic Components Datasheet Search
  English  ▼

X  

ATF10136 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # ATF10136
Description  0.5-12 GHz Low Noise Gallium Arsenide FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF10136 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  ATF10136 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF10136 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF10136 Datasheet HTML 3Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5-25
Typical Scattering Parameters, Common Source, Z
O = 50 Ω, TA =25°C, VDS =2 V, IDS = 25 mA
Freq.
S11
S21
S12
S22
MHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
0.5
.98
-18
14.5
5.32
163
-34.0
.020
78
.35
-9
1.0
.93
-33
14.3
5.19
147
-28.4
.038
67
.36
-19
2.0
.79
-66
13.3
4.64
113
-22.6
.074
59
.30
-31
3.0
.64
-94
12.2
4.07
87
-19.2
.110
44
.27
-42
4.0
.54
-120
11.1
3.60
61
-17.3
.137
31
.22
-49
5.0
.47
-155
10.1
3.20
37
-15.5
.167
13
.16
-54
6.0
.45
162
9.2
2.88
13
-14.3
.193
-2
.08
-17
7.0
.50
120
8.0
2.51
-10
-13.9
.203
-19
.16
45
8.0
.60
87
6.4
2.09
-32
-13.6
.210
-36
.32
48
9.0
.68
61
4.9
1.75
-51
-13.6
.209
-46
.44
38
10.0
.73
42
3.6
1.52
-66
-13.7
.207
-58
.51
34
11.0
.77
26
2.0
1.26
-82
-13.8
.205
-73
.54
27
12.0
.80
14
1.0
1.12
-97
-14.0
.200
-82
.54
15
36 micro-X Package Dimensions
1
3
4
2
SOURCE
SOURCE
DRAIN
GATE
2.15
(0.085)
2.11 (0.083) DIA.
0.508
(0.020)
2.54
(0.100)
4.57
± 0.25
0.180
± 0.010
0.15
± 0.05
(0.006
± 0.002)
Notes:
1. Dimensions are in millimeters (inches)
2. Tolerances: in .xxx =
± 0.005
mm .xx =
± 0.13
0.56
(0.022)
1.45
± 0.25
(0.057
± 0.010)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com