Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA8 Datasheet(PDF) 80 Page - ATMEL Corporation

Part # ATMEGA8
Description  High-performance, Low-power Atmel
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8 Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button ATMEGA8 Datasheet HTML 76Page - ATMEL Corporation ATMEGA8 Datasheet HTML 77Page - ATMEL Corporation ATMEGA8 Datasheet HTML 78Page - ATMEL Corporation ATMEGA8 Datasheet HTML 79Page - ATMEL Corporation ATMEGA8 Datasheet HTML 80Page - ATMEL Corporation ATMEGA8 Datasheet HTML 81Page - ATMEL Corporation ATMEGA8 Datasheet HTML 82Page - ATMEL Corporation ATMEGA8 Datasheet HTML 83Page - ATMEL Corporation ATMEGA8 Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 331 page
background image
80
2486AA–AVR–02/2013
ATmega8(L)
The following code examples show how to do an atomic write of the TCNT1 Register contents.
Writing any of the OCR1A/B or ICR1 Registers can be done by using the same principle.
Note:
1. See “About Code Examples” on page 8
The assembly code example requires that the r17:r16 Register pair contains the value to be writ-
ten to TCNT1.
Reusing the
Temporary High Byte
Register
If writing to more than one 16-bit register where the High byte is the same for all registers writ-
ten, then the High byte only needs to be written once. However, note that the same rule of
atomic operation described previously also applies in this case.
Timer/Counter
Clock Sources
The Timer/Counter can be clocked by an internal or an external clock source. The clock source
is selected by the clock select logic which is controlled by the clock select (CS12:0) bits located
in the Timer/Counter Control Register B (TCCR1B). For details on clock sources and prescaler,
see “Timer/Counter0 and Timer/Counter1 Prescalers” on page 73.
Counter Unit
The main part of the 16-bit Timer/Counter is the programmable 16-bit bi-directional counter unit.
Figure 33 on page 81 shows a block diagram of the counter and its surroundings.
Assembly Code Example
(1)
TIM16_WriteTCNT1:
; Save Global Interrupt Flag
in
r18,SREG
; Disable interrupts
cli
; Set TCNT1 to r17:r16
out
TCNT1H,r17
out
TCNT1L,r16
; Restore Global Interrupt Flag
out
SREG,r18
ret
C Code Example
(1)
void
TIM16_WriteTCNT1( unsigned int i )
{
unsigned char
sreg;
unsigned int
i;
/* Save Global Interrupt Flag */
sreg = SREG;
/* Disable interrupts */
_CLI();
/* Set TCNT1 to i */
TCNT
1 = i;
/* Restore Global Interrupt Flag */
SREG = sreg;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com