Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA8 Datasheet(PDF) 46 Page - ATMEL Corporation

Part # ATMEGA8
Description  High-performance, Low-power Atmel
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8 Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button ATMEGA8 Datasheet HTML 42Page - ATMEL Corporation ATMEGA8 Datasheet HTML 43Page - ATMEL Corporation ATMEGA8 Datasheet HTML 44Page - ATMEL Corporation ATMEGA8 Datasheet HTML 45Page - ATMEL Corporation ATMEGA8 Datasheet HTML 46Page - ATMEL Corporation ATMEGA8 Datasheet HTML 47Page - ATMEL Corporation ATMEGA8 Datasheet HTML 48Page - ATMEL Corporation ATMEGA8 Datasheet HTML 49Page - ATMEL Corporation ATMEGA8 Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 331 page
background image
46
2486AA–AVR–02/2013
ATmega8(L)
Interrupts
This section describes the specifics of the interrupt handling performed by the ATmega8. For a
general explanation of the AVR interrupt handling, refer to “Reset and Interrupt Handling” on
page 14.
Interrupt Vectors
in ATmega8
Notes:
1. When the BOOTRST Fuse is programmed, the device will jump to the Boot Loader address at
reset, see “Boot Loader Support – Read-While-Write Self-Programming” on page 202
2. When the IVSEL bit in GICR is set, Interrupt Vectors will be moved to the start of the boot
Flash section. The address of each Interrupt Vector will then be the address in this table added
to the start address of the boot Flash section
Table 19 on page 47 shows reset and Interrupt Vectors placement for the various combinations
of BOOTRST and IVSEL settings. If the program never enables an interrupt source, the Interrupt
Vectors are not used, and regular program code can be placed at these locations. This is also
the case if the Reset Vector is in the Application section while the Interrupt Vectors are in the
boot section or vice versa.
Table 18. Reset and Interrupt Vectors
Vector No.
Program
Address(2)
Source
Interrupt Definition
1
0x000(1)
RESET
External Pin, Power-on Reset, Brown-out
Reset, and Watchdog Reset
2
0x001
INT0
External Interrupt Request 0
3
0x002
INT1
External Interrupt Request 1
4
0x003
TIMER2 COMP
Timer/Counter2 Compare Match
5
0x004
TIMER2 OVF
Timer/Counter2 Overflow
6
0x005
TIMER1 CAPT
Timer/Counter1 Capture Event
7
0x006
TIMER1 COMPA
Timer/Counter1 Compare Match A
8
0x007
TIMER1 COMPB
Timer/Counter1 Compare Match B
9
0x008
TIMER1 OVF
Timer/Counter1 Overflow
10
0x009
TIMER0 OVF
Timer/Counter0 Overflow
11
0x00A
SPI, STC
Serial Transfer Complete
12
0x00B
USART, RXC
USART, Rx Complete
13
0x00C
USART, UDRE
USART Data Register Empty
14
0x00D
USART, TXC
USART, Tx Complete
15
0x00E
ADC
ADC Conversion Complete
16
0x00F
EE_RDY
EEPROM Ready
17
0x010
ANA_COMP
Analog Comparator
18
0x011
TWI
Two-wire Serial Interface
19
0x012
SPM_RDY
Store Program Memory Ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com