Electronic Components Datasheet Search
  English  ▼

X  

P0040 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # P0040
Description  Terasic SFP HSMC Board User Manual
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P0040 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button P0040 Datasheet HTML 9Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 10Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 11Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 12Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 13Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 14Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 15Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 16Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Board Components
11
The table 3.1 below lists the HSMC signal direction and description.
Pin
Numbers
Name
Direction
Description
1
N.C.
N/A
Not Connect
2
N.C.
N/A
Not Connect
3
N.C.
N/A
Not Connect
4
N.C.
N/A
Not Connect
5
N.C.
N/A
Not Connect
6
N.C.
N/A
Not Connect
7
N.C.
N/A
Not Connect
8
N.C.
N/A
Not Connect
9
N.C.
N/A
Not Connect
10
N.C.
N/A
Not Connect
11
N.C.
N/A
Not Connect
12
N.C.
N/A
Not Connect
13
XCVR_TX4p
Output
SMA Transceiver Input
14
XCVR_RX4p
Input
SMA Transceiver Output
15
XCVR_TX4n
Output
SMA Transceiver Input
16
XCVR_RX4n
Input
SMA Transceiver Output
17
SFP3_TDp
Output
Transmitter Non-Inverted Data Input
18
SFP3_RDp
Input
Receiver Non-Inverted Data Output
19
SFP3_TDn
Output
Transmitter Inverted Data Input
20
SFP3_RDn
Input
Receiver Inverted Data Output
21
SFP2_TDp
Output
Transmitter Non-Inverted Data Input
22
SFP2_RDp
Input
Receiver Non-Inverted Data Output
23
SFP2_TDn
Output
Transmitter Inverted Data Input
24
SFP2_RDn
Input
Receiver Inverted Data Output
25
SFP1_TDp
Output
Transmitter Non-Inverted Data Input
26
SFP1_RDp
Input
Receiver Non-Inverted Data Output
27
SFP1_TDn
Output
Transmitter Inverted Data Input
28
SFP1_RDn
Input
Receiver Inverted Data Output
29
SFP0_TDp
Output
Transmitter Non-Inverted Data Input
30
SFP0_RDp
Input
Receiver Non-Inverted Data Output
31
SFP0_TDn
Output
Transmitter Inverted Data Input
32
SFP0_RDn
Input
Receiver Inverted Data Output
33
N.C.
N/A
Not Connect
34
N.C.
N/A
Not Connect
35
N.C.
N/A
Not Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com