Electronic Components Datasheet Search
  English  ▼

X  

P0040 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # P0040
Description  Terasic SFP HSMC Board User Manual
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P0040 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button P0040 Datasheet HTML 17Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 18Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 19Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 20Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 21Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 22Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 23Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 24Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Demonstration
20
4.4 4.4 Demo Operation
This section describes the procedures of running the demonstration
FPGA Configuration
Demonstration Setup, File Locations, and Instructions
Transceiver Loopback Test Demo:
Project directory: sfp_hsmb_s4gx_pcie_xcvr_loopback_6p25Gbps_restored
Bit Stream used: hsmc_loopback.sof
SFP HSMC Setup
Insert SFP modules with loopback connectors into SFP ports 0-3 on the SFP HSMC board
Set SW5 switches on the SFP HSMC all to the “0” position
Stratix IV GX FPGA Development Kit Setup
Set SW3 switches 1-3 & 5-8 in the “down” position.
Set SW3 switch 4 in the “up” position
Set SW4 switches 1,2,4 in the “up” position and switches 3,5,6,8 in the “down” position
Set the rotary switch (SW2) to the 0 position
Power
on
the
Stratix
IV
GX
FPGA Development
Board
and
download
the
SOF
file
(hsmc_loopback.sof)
Press and release CPU reset button located on the host board to initiate the test
Press and release PB0, enabling comma detect
Press and release PB1 enabling channel bonding
Press and release PB2, start transmitting PRBS data
LED0, LED1, and LED2 should be ON and LED3 should be OFF.
Remove one of the SFP modules or one side of a connector so that the loopback will fail.
A Failure
is indicated on the Stratix IV GX FPGA Dev Kit when LED3 turns ON
To reset the board test system, press and release the CPU reset button on the host board
Press and release PB1 and PB2 at the same time creates an error in the transmitter data stream,
where LED3 should be ON
Press and release, the CPU reset button on the host board and verify the results
LVDS Loopback Test Demo:
Project directory: sfp_hsmb_s4gx_pcie_lvds_loopback_restored
Bit Stream used: hsmc_loopback.sof
SFP HSMC Setup
Insert SFP modules with loopback connectors into SFP ports 4-7 on the SFP HSMC board
Set SW4 switches on the SFP HSMC all to the “1” position
Stratix IV GX FPGA Development Kit Setup
Set SW3 switches 1-4 & 6-8 in the “down” position.
Set SW3 switch 5 in the “up” position
Set SW4 switches 1,2,4 in the “up” position and switches 3,5,6,8 in the “down” position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com