Electronic Components Datasheet Search
  English  ▼

X  

P0040 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # P0040
Description  Terasic SFP HSMC Board User Manual
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P0040 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  P0040 Datasheet HTML 1Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 2Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 3Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 4Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 5Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 6Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 7Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 8Page - List of Unclassifed Manufacturers P0040 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Introduction
1
1 Introduction
The Small Form-Factor Pluggable (SFP) HSMC board is a hardware platform for evaluating the interoperation
of Altera FPGA, specifically Stratix IV GX, Arria GX, and Arria II GX, with generic SFP modules.
The optical
modules that are of particular importance are SGMII Ethernet, Fiber channel, CPRI/OBSAI and SONET.
Furthermore, the SFP HSMC board is intended for customers to implement both telecommunication and data
communications applications.
1.1 1.1 Features
Figure 1.1 shows the photo of the SFP HSMC board. The important features are listed below:
8 SFP Connectors
4 Transceiver Based SFPs
4 LVDS Bases SFPs
8 SMAs
2 Transceiver Receive SMAs
2 Transceiver Transmit SMAs
1 LVDS Clock Input SMA pair (2 SMAs)
2 Single-ended Clock Outputs SMAs
1 LVDS Clock Output SMA pair (2 SMAs)
1 LVPECL Clock Output SMA pair (2 SMAs)
Power
12V to 4V
4V to 3.3V
Clocks
61.44 MHz
125 MHz
155.52 MHz
156.25 MHz
Differential SMA
High Speed Mezzanine Card (HSMC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com