Electronic Components Datasheet Search
  English  ▼

X  

E2C Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E2C
Description  Miniature Inductive Prox
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2C Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E2C Datasheet HTML 4Page - Omron Electronics LLC E2C Datasheet HTML 5Page - Omron Electronics LLC E2C Datasheet HTML 6Page - Omron Electronics LLC E2C Datasheet HTML 7Page - Omron Electronics LLC E2C Datasheet HTML 8Page - Omron Electronics LLC E2C Datasheet HTML 9Page - Omron Electronics LLC E2C Datasheet HTML 10Page - Omron Electronics LLC E2C Datasheet HTML 11Page - Omron Electronics LLC E2C Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
9
E2C
E2C
Engineering Data
s OPERATING RANGE
Shielded 2 mm dia. sensor
E2C-CR5B
Shielded 3.5 mm & 3.8 mm dia. sensor
E2C-CR8A, E2C-CR8B
Shielded M5 and 5.4 mm dia. sensors
E2C-X1A, E2C-C1A
Y
(mm)
8
7
6
5
4
3
2
1
0
-10 -8
-6 -4
-2
0
2
4
6
8
10
÷
÷
E2C-X5A detecting head Y (mm)
-6
-4
-2
0
2
4
6
÷
Y (mm)
÷E2C-X2A detecting head
2.5
2.0
1.5
1.0
0.5
0
3.0
2.0
1.0
0
-4
-3
-2
-1
0
1
2
3
4
÷
÷ Y (mm)
0.5
0.4
0.3
0.2
0.1
-1.0
-0.8
-0.4
0
0.4
0.8
1.0
÷
÷
Y (mm)
-3.0
-2.0
-1.0
0
1.0
2.0
3.0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
÷
÷ Y (mm)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
-3.0
-2.0
-1.0
0 0.5 1.0 1.5 2.0 2.5 3.0
÷
÷
E2C-X1A detecting head
÷
÷
Shielded M8 sensor
E2C-X1R5A
Shielded M12 sensor
E2C-X2A
Shielded M18 sensor
E2C-X5A
Shielded M30 sensor
E2C-X10A
Unshielded 40 mm dia. sensor
E2C-C20MA
16
14
12
10
8
6
4
2
0
-15
-10
-5
0
5
10
15
÷
÷
E2C-X10A
detecting head
Y (mm)
÷
Y (mm)
E2C-C20MA
detecting head
÷
-20 -15 -10
-5
0
5
10 15
20
25
30
20
10
0
E2C-C1A detecting head
Detecting distance (variable):
0.2 to 0.5 mm
X
Y
100%
50%
20%
Detecting distance (variable):
0.2 to 1 mm
X
Y
20%
50%
100%
100%
50%
20%
X
Y
X
Y
Detecting distance (variable):
0.3 to 1.5 mm
100%
50%
20%
X
Detecting distance (variable):
0.4 to 2 mm
100%
50%
20%
X
Y
Detecting distance (variable):
1 to 5 mm
100%
50%
20%
X
Y
100%
50%
20%
Detecting distance
(variable):
2 to 10 mm
X
Y
Detecting distance
(variable):
4 to 20 mm
100%
50%
20%
Detecting distance
(variable):
0.16 to 0.8 mm
Y
E2C-CR5B
detecting head 2 dia.
E2C-CR8A
detecting head
E2C-X1R5A
detecting head



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com