Electronic Components Datasheet Search
  English  ▼

X  

E2C Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E2C
Description  Miniature Inductive Prox
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2C Datasheet(HTML) 4 Page - Omron Electronics LLC

  E2C Datasheet HTML 1Page - Omron Electronics LLC E2C Datasheet HTML 2Page - Omron Electronics LLC E2C Datasheet HTML 3Page - Omron Electronics LLC E2C Datasheet HTML 4Page - Omron Electronics LLC E2C Datasheet HTML 5Page - Omron Electronics LLC E2C Datasheet HTML 6Page - Omron Electronics LLC E2C Datasheet HTML 7Page - Omron Electronics LLC E2C Datasheet HTML 8Page - Omron Electronics LLC E2C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
5
E2C
E2C
Part number
E2C-X1R5A
E2C-X2A
E2C-X5A
E2C-X10A
E2C-C20MA
Sensor type
Inductive
Body
Size
M8
M12
M18
M30
40 mm dia.
Type
Shielded
Unshielded
Required amplifier
E2C-JC4AP, E2C-AK4A or E2C-AM4A
E2C-AK4A or E2C-AM4A
Detectable object type
Metallic objects
0 to 1.5 mm
0 to 2 mm
0 to 5 mm
0 to 10 mm
0 to 20 mm
(0 to 0.06 in)
(0 to 0.08 in)
(0 to 0.20 in)
(0 to 0.39 in)
(0 to 0.79 in)
Usable setting distance
0 to 2 mm
0 to 2.5 mm
0 to 7 mm
0 to 15 mm
0 to 28 mm
0
° to 40°C (with standard target) (0 to 0.079 in)
(0 to 0.098 in)
(0 to 0.276 in)
(0 to 0.591 in)
(0 to 1.102 in)
Standard target size
8 x 8 x 1 mm
12 x 12 x 1 mm
18 x 18 x 1 mm
30 x 30 x 1 mm
50 x 50 x 1 mm
(mild steel, L x W x H)
(0.32 x 0.32
(0.47 x 0.47
(0.71 x 0.71
(1.18 x 1.18
(1.97 x 1.97
x 0.04 in)
x 0.04 in)
x 0.04 in)
x 0.04 in)
x 0.04 in)
Differential travel
See "Differential Travel" tables
Response frequency
800 Hz
350 Hz
100 Hz
50 Hz
Materials
Housing
Nickel-plated brass
Sensing face
ABS
Cable sheath
Polyethylene
Mounting
Two lock washers
Two lock washers
Two lock washers
Two lock washers
—
and M8 nuts
and M12 nuts
and M18 nuts
and M30 nuts
included. Bracket
included. Bracket
included. Bracket
included. Bracket
Y92E-B8 optional.
Y92E-B12 optional.
Y92E-B18 optional.
Y92E-B30 optional.
Connections
Prewired
Two-conductor cable, 3 m (9.8 ft) length
Weight with cable
50 g (1.8 oz.)
60 g (2.1 oz.)
140 g (4.9 oz.)
270 g (9.5 oz.)
300 g (10.6 oz.)
UL
—
NEMA
1, 3, 4, 6, 12, 13
IEC 144
IP67
Approvals
UL
—
CSA
—
Ambient operating temperature
-25
° to 70°C (-13° to 158°F)
Vibration
10 to 55 Hz, 1.5 mm (0.06 in) double amplitude, 2 hours each, X and Y directions
Shock
50 G's, 3 times each, X and Y directions
Usable setting distance at
ambient (with standard target)
s STANDARD SIZE SENSORS
Enclosure
ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com