Electronic Components Datasheet Search
  English  ▼

X  

E2C Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E2C
Description  Miniature Inductive Prox
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2C Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E2C Datasheet HTML 5Page - Omron Electronics LLC E2C Datasheet HTML 6Page - Omron Electronics LLC E2C Datasheet HTML 7Page - Omron Electronics LLC E2C Datasheet HTML 8Page - Omron Electronics LLC E2C Datasheet HTML 9Page - Omron Electronics LLC E2C Datasheet HTML 10Page - Omron Electronics LLC E2C Datasheet HTML 11Page - Omron Electronics LLC E2C Datasheet HTML 12Page - Omron Electronics LLC E2C Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
E2C
E2C
10
s DETECTING DISTANCE vs. SIZE AND MATERIAL OF TARGET
Shielded 2 mm dia. sensor
E2C-CR5B
Shielded 3.5 mm & 3.8 mm dia. sensor
E2C-CR8A, E2C-CR8B
Shielded M5 and 5.4 mm dia. sensors
E2C-X1A, E2C-C1A
1.2
1.0
0.8
0.6
0.4
0.2
Size of target
(mm)
0
4
8
12
16
20
24
Size of target
(mm)
2
4
6
8
10
12 14 16 18 20 22
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
Size of target
(mm)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2
4
6
8
10
12 14 16 18 20 22
2.5
2.0
1.5
1.0
0.5
0
Shielded M8 sensor
E2C-X1R5A
Shielded M12 sensor
E2C-X2A
Shielded M18 sensor
E2C-X5A
Size of target
(mm)
2
4
6
8
10
12 14
16
18
20
Size of target
(mm)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
2
4
6
8
10
12 14 16 18 20 22
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
5
10
15
20
25
30
35
40
45
Size of target
(mm)
Shielded M30 sensor
E2C-X10A
Unshielded 40 mm dia. sensor
E2C-C20MA
10
20 30 40 50 60 70 80 90 100 110
Size of target
(mm)
16.0
14.0
12.0
10.0
8.0
6.0
4.0
2.0
0
5
10
15
20
25
30
35
40
45
Size of target
(mm)
35
30
25
20
15
10
5
0
Note: If the target is a nonferrous metal, the operating distance of the proximity sensor decreases. However, with a piece of foil measur-
ing about 0.01 mm (0.0004 inch) in thickness, the detecting distance is equivalent to that with a ferrous metal. Note that the
proximity sensor cannot detect extremely thin evaporated films and non-conductive targets.
Mild steel
❑
t = 1 mm
X
X
❑
t = 1 mm
Mild steel
Mild steel
X
❑
❑
X
Mild steel
Stainless steel
Brass
Aluminum
X
❑
t = 1 mm
Mild steel
Stainless steel
Brass
Aluminum
Mild steel
Stainless steel
Brass
Aluminum
t = 1 mm
❑
X
t = 1 mm
X
❑
Mild steel
Stainless steel
Brass
Aluminum
❑
X
t = 1 mm
Mild steel
Stainless steel
Brass
Aluminum
t = 1 mm
t = 1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com