Electronic Components Datasheet Search
  English  ▼

X  

HMMC-2007 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HMMC-2007
Description  DC-8 GHz Terminated SPDT Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HMMC-2007 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HMMC-2007 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HMMC-2007 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HMMC-2007 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HMMC-2007 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HMMC-2007 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HMMC-2007 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7-26
DC – 8 GHz Terminated SPDT
Switch
Technical Data
HMMC-2007
Features
• Outputs Terminated in 50
Ω
When Off
• Frequency Range: DC-8 GHz
• Insertion Loss:
1.2 dB @ 8 GHz
• Isolation:
>70 dB @ 45 MHz
>35 dB @ 8 GHz
• Return Loss:
25 dB (Both Input and
Selected Output)
18 dB Unselected Output
• Switching Speed:
<20
µs(10%-90%RF)
•P-1dB: 27 dBm
• Harmonics (DC Coupled):
<-80 dBc @ 10 dBm
Description
The HMMC-2007 is a GaAs mono-
lithic microwave integrated circuit
(MMIC) designed for low insertion
loss and high isolation from DC to
8 GHz. It is intended for use as a
general-purpose, single-pole,
double-throw (SPDT), absorptive
switch. Two series and two shunt
MESFETs per throw provide
1.4 dB maximum insertion loss
and 38 dB typical isolation at
6 GHz. HMMC-2007 chips use
through-substrate vias to provide
ground connections to the chip
backside and minimize the
number of wire bonds required.
Chip Size:
660 x 960
µm (25.9 x 37.8 mils)
Chip Size Tolerance:
± 10µm(± 0.4mils)
Chip Thickness:
127
± 15µm(5.0± 0.6mils)
Pad Dimensions:
120 x 120
µm (4.7 x 4.7 mils)
Absolute Maximum Ratings[1]
Symbol
Parameters/Conditions
Units
Min.
Max.
Vsel
Select Voltages 1 and 2
V
-10.5
+10.5
Pin
RF Input Power
dBm
27
Top
Operating Temperature
°C
-55
+125
TSTG
Storage Temperature
°C
-65
+165
Tmax
Maximum Assembly Temp.
°C
+200
Punsel
Power into Unselected Output
dBm
27
Note:
1. Operation in excess of any one of these conditions may result in permanent
damage to this device. TA = 25°C except for Top, TSTG, and Tmax.
5965-5451E


Similar Part No. - HMMC-2007

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-2006 HP-HMMC-2006 Datasheet
89Kb / 6P
DC-6 GHz Unterminated SPDT Switch
More results

Similar Description - HMMC-2007

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MACOM-SW-338 Datasheet
172Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS429 HW-HWS429 Datasheet
88Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS434 HW-HWS434 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Terminated Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
GaAs DC-2.0 GHz SPDT Terminated Switch
logo
M/A-COM Technology Solu...
MASW-007935 MA-COM-MASW-007935 Datasheet
127Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-338 MA-COM-SW-338 Datasheet
108Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-442 MA-COM-SW-442 Datasheet
126Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
MASWSS0180 MA-COM-MASWSS0180 Datasheet
105Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS486_V6 HW-HWS486_V6_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz SPDT Terminated Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com