Electronic Components Datasheet Search
  English  ▼

X  

HMMC-2007 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HMMC-2007
Description  DC-8 GHz Terminated SPDT Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HMMC-2007 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HMMC-2007 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HMMC-2007 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HMMC-2007 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HMMC-2007 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HMMC-2007 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HMMC-2007 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7-28
Applications
The HMMC-2007 can be used in
instrumentation, communica-
tions, radar, ECM, EW, and many
other systems requiring SPDT
switching. It can be used for
pulse modulation, port isolation,
transfer switching, high-speed
switching, replacement of
mechanical switches, and so on.
Assembly Techniques
Die attach should be done with
conductive epoxy. Gold
thermosonic bonding is recom-
mended for all bonds. The top
and bottom metallization is gold.
For more detailed information
see HP application note #999
“GaAs MMIC Assembly and
Handling Guidelines.”
GaAs MMICs are ESD sensitive.
Proper precautions should be used
when handling these devices.
S-Parameters[1], T
A =25°C, ZO = 50 Ω, Vsel high = 0 V, Vsel low = -10 V
Freq.
S11
S21
S31
S22
S33
GHz
(Insertion Loss)
(Isolation)
(ON Throw)
(OFF Throw)
dB
Mag.
Ang.
dB
Mag. Ang.
dB
dB
Mag.
Ang.
dB
Mag.
Ang.
0.5
-26.41 0.048
-57.11
-1.08
0.88
-49.06
-67.74
-28.40
0.03
-47.94
-32.26
0.024
47.18
1.0
-27.53 0.042 -113.83
-1.13
0.88
-93.69
-60.55
-24.74
0.05
-117.54
-30.79
0.029
-38.11
1.5
-30.69 0.029 -176.73
-1.18
0.87 -138.08
-56.17
-31.91
0.02
168.76
-30.35
0.030
-64.68
2.0
-32.37 0.024
115.57
-1.21
0.87
177.39
-53.18
-31.31
0.02
119.22
-26.21
0.049 -134.70
2.5
-31.79 0.026
61.35
-1.25
0.87
133.00
-50.38
-28.90
0.03
68.41
-26.38
0.048
151.66
3.0
-30.60 0.030
4.27
-1.30
0.86
88.53
-47.63
-32.95
0.02
-11.68
-25.66
0.052
103.24
3.5
-28.53 0.037
-58.32
-1.33
0.86
44.08
-45.67
-29.26
0.03
-44.21
-22.99
0.071
38.61
4.0
-27.14 0.044 -124.01
-1.34
0.86
-0.53
-44.12
-30.61
0.02
-113.40
-22.41
0.076
-21.25
4.5
-26.46 0.048
172.69
-1.37
0.85
-45.16
-42.68
-32.21
0.02
165.53
-21.68
0.082
-75.25
5.0
-27.03 0.045
107.19
-1.40
0.85
-89.79
-41.45
-36.49
0.01
141.98
-19.88
0.101 -133.81
5.5
-28.64 0.037
32.44
-1.42
0.85 -134.56
-40.28
-34.51
0.01
4.26
-19.89
0.101
167.02
6.0
-29.55 0.033
-59.18
-1.45
0.85 -179.46
-39.16
-32.44
0.02
-100.27
-19.03
0.112
115.49
6.5
-26.88 0.045 -156.32
-1.51
0.84
135.54
-38.12
-27.18
0.04
176.54
-18.28
0.122
56.80
7.0
-23.24 0.069
130.95
-1.56
0.84
90.76
-37.13
-23.83
0.06
122.00
-18.67
0.117
-2.63
7.5
-21.53 0.084
70.91
-1.52
0.84
46.04
-36.36
-21.48
0.08
51.31
-18.61
0.117
-60.32
8.0
-21.21 0.087
15.06
-1.62
0.83
0.47
-35.64
-21.73
0.08
-15.06
-17.65
0.131 -124.25
8.5
-20.92 0.090
-41.26
-1.64
0.83
-44.44
-34.83
-22.22
0.07
-81.88
-16.95
0.142
172.46
9.0
-19.88 0.101 -104.30
-1.66
0.83
-90.23
-34.13
-20.42
0.09
-145.01
-16.07
0.157
115.03
9.5
-18.65 0.117 -175.05
-1.84
0.81 -135.81
-33.62
-18.17
0.12
145.14
-14.94
0.179
59.82
10.0
-17.04 0.141
116.96
-1.90
0.80
179.24
-34.14
-16.31
0.15
85.15
-14.31
0.193
3.39
Note:
1. Three-port-wafer-probed data: Port 1 = RF Input, Port 2 = Selected RF Output (i.e., ON throw), and Port 3 = Unselected
RF Output (i.e., OFF throw).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com