Electronic Components Datasheet Search
  English  ▼

X  

HMMC-2007 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HMMC-2007
Description  DC-8 GHz Terminated SPDT Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HMMC-2007 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HMMC-2007 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HMMC-2007 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HMMC-2007 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HMMC-2007 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HMMC-2007 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HMMC-2007 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7-27
DC Specifications/Physical Properties, T
A = 25°C
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
I SEL -10V
Leakage Current @ -10 V
µA
200
I SEL +10V
Leakage Current @ +10 V
µA20
Pinch-Off Voltage (VSEL2 = Vp, VRFout2 = +2 V,
Vp
IRFout2 = 4 mA, VSEL1 = -10 V, VRFout1 = open circuit,
V
-6.75
-3.00
VRFin = GND
BVgss
Breakdown Voltage (Test FET w/VD = VS = GND,
IG = -50 µA)
V
-13.0
RF Specifications, T
A = 25°C, ZO = 50 Ω, Vsel-high = +10 V, Vsel-low = -10 V
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
BW
Guaranteed Operating Bandwidth
GHz
DC
8.0
IL
Insertion Loss, RFin to Selected RFout, f = 6 GHz, OFF throw
dB
1.1
1.4
ISO
Isolation, RFin to Unselected RFout, f = 6 GHz, OFF throw
dB
38
RL in
Input Return Loss @ 6 GHz
dB
25
RL out-ON
Output Return Loss, ON throw @ 6 GHz
dB
25
RLout-OFF
Output Return Loss, OFF throw @ 6 GHz
dB
18
P1 dB
Input Power where IL increases by 1 dB
fin = 2 GHz
dBm
27
t s
Switching Speed, 10% – 90% RF Envelope
fin = 2 GHz
µs20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com