Electronic Components Datasheet Search
  English  ▼

X  

AT24CS02 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT24CS02
Description  Factory Programmed 128-bit Serial Number
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CS02 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT24CS02_14 Datasheet HTML 3Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 4Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 5Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 6Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 7Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 8Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 9Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 10Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
AT24CS01/02 [DATASHEET]
Atmel-8815D-SEEPROM-AT24CS01-02-Datasheet_082014
7.
Device Operation
Clock and Data Transitions: The SDA pin is normally pulled high with an external device. Data on the SDA pin
may change only during SCL low time periods. Data changes during SCL high periods will indicate a Start or
Stop condition as defined below.
Figure 7-1.
Data Validity
Start Condition: A high-to-low transition of SDA with SCL high is a Start condition which must precede any
other command.
Stop Condition: A low-to-high transition of SDA with SCL high is a Stop condition. After a read sequence, the
Stop command will place the EEPROM in a standby power mode.
Figure 7-2.
Start and Stop Definition
SDA
SCL
Data Stable
Data Stable
Data
Change
SDA
SCL
Start
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com