Electronic Components Datasheet Search
  English  ▼

X  

AT24CS02 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24CS02
Description  Factory Programmed 128-bit Serial Number
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CS02 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24CS02_14 Datasheet HTML 1Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 2Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 3Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 4Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 5Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 6Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 7Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 8Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
AT24CS01/02 [DATASHEET]
Atmel-8815D-SEEPROM-AT24CS01-02-Datasheet_082014
4
5.
Pin Descriptions
Serial Clock (SCL): The SCL input is used to positive edge clock data into each EEPROM device and negative
edge clock data out of each device.
Serial Data (SDA): The SDA pin is bidirectional for serial data transfer. This pin is open-drain driven and may
be wire-ORed with any number of other open-drain or open-collector devices.
Device/Page Addresses (A2, A1, A0): The A2, A1 and A0 pins are device address inputs that are hard wired for
the AT24CS01/02. As many as eight 1-Kbit or 2-Kbit devices may be addressed on a single bus system. For
more detail, see Section 8., “Device Addressing” on page 10.
Write Protect (WP): AT24CS01/02 has a Write Protect (WP) pin that provides hardware data protection. When
the Write Protect pin is connected to ground (GND), normal read/write operations to the full array are possible.
When the Write Protect pin is connected to VCC, all write operations to the memory are inhibited but read
operations are still possible. This operation is summarized in Table 5-1 below.
Table 5-1.
Write Protect
WP Pin Status
Part of the Array Protected
At VCC
Full Array
At GND
Normal Read/Write Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com