Electronic Components Datasheet Search
  English  ▼

X  

AT24CS02 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24CS02
Description  Factory Programmed 128-bit Serial Number
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CS02 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24CS02_14 Datasheet HTML 1Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 2Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 3Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 4Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 5Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 6Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 7Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 8Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
AT24CS01/02 [DATASHEET]
Atmel-8815D-SEEPROM-AT24CS01-02-Datasheet_082014
2
1.
Description
The Atmel® AT24CS01 and AT24CS02 provides 1024/2048 bits of Serial Electrically Erasable and
Programmable Read-only Memory (EEPROM) organized as 128/256 words of eight bits each. The device is
optimized for use in many industrial and commercial applications where low-power and low-voltage operation
are essential. The AT24CS01/02 is available in space-saving, 8-lead JEDEC SOIC, 8-lead TSSOP, 8-pad
UDFN and 5-lead SOT23 packages and is accessed via a 2-wire serial interface. In addition, both devices fully
operate from 1.7V to 5.5V VCC.
The AT24CS01/02 provides the additional feature of a factory programmed, guaranteed unique 128-bit serial
number, while maintaining all of the traditional features available in the 1-Kbit or 2-Kbit Serial EEPROM. The
time consuming step of performing and ensuring true serialization of product on a manufacturing line can be
removed from the production flow by employing the CS Series Serial EEPROM. The 128-bit serial number is
programmed and permanently locked from future writing during the Atmel production process. Further, this
128-bit location does not consume any of the user read/write area of the 1-Kbit or 2-Kbit Serial EEPROM. The
uniqueness of the serial number is guaranteed across the entire CS Series of Serial EEPROMs, regardless of
the size of the memory array or the type of interface protocol. This means that as an application's needs for
memory size or interface protocol evolve in future generations, any previously deployed serial number from any
Atmel CS Series Serial EEPROM part will remain valid.
2.
Pin Descriptions and Pinouts
Figure 2-1.
Pin Configuration
Notes: 1.
For use of 5-lead SOT23, the software A2, A1, and A0 bits in the device address word must be set to
zero to properly communicate with the device.
2.
Drawings are not to scale.
Pin Name
Function
A0 - A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
GND
Ground
VCC
Power Supply
1
2
3
4
A0
A1
A2
GND
8
7
6
5
VCC
WP
SCL
SDA
8-pad UDFN
(Top View)
8-lead TSSOP
(Top View)
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
1
2
3
4
A0
A1
A2
GND
8
7
6
5
VCC
WP
SCL
SDA
8-lead SOIC
(Top View)
5-lead SOT23
(Top View)
SCL
GND
SDA
WP
VCC
1
2
3
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com