Electronic Components Datasheet Search
  English  ▼

X  

AT24CS04 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT24CS04
Description  Factory Programmed 128-bit Serial Number
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CS04 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT24CS04_14 Datasheet HTML 3Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 4Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 5Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 6Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 7Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 8Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 9Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 10Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
AT24CS04/08 [DATASHEET]
Atmel-8766D-SEEPROM-AT24CS04-08-Datasheet_072013
7.
Device Operation
Clock and Data Transitions: The SDA pin is normally pulled high with an external device. Data on the SDA pin may
change only during SCL low time periods (see Figure 7-4 on page 9). Data changes during SCL high periods will indicate
a Start or Stop condition as defined below.
Start Condition: A high-to-low transition of SDA with SCL high is a Start condition which must precede any other
command (see Figure 7-5 on page 9).
Stop Condition: A low-to-high transition of SDA with SCL high is a Stop condition. After a read sequence, the Stop
command will place the EEPROM in a standby power mode (see Figure 7-5 on page 9).
Acknowledge: All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words. The
EEPROM sends a zero to acknowledge that it has received each word. This happens during the ninth clock cycle.
Standby Mode: The AT24CS04/08 features a low-power standby mode which is enabled upon power-up as well as after
the receipt of the Stop bit and the completion of any internal operations.
2-wire Software Reset: After an interruption in protocol, power loss, or system reset, any 2-wire part can be reset by
following these steps:
1.
Create a start bit condition.
2.
Clock nine cycles.
3.
Create another start bit followed by stop bit condition as shown in Figure 7-1.
The device is ready for next communication after above steps have been completed.
Figure 7-1. Software reset
SCL
9
Start
Bit
Start
Bit
Stop
Bit
8
3
2
1
SDA
Dummy Clock Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com