Electronic Components Datasheet Search
  English  ▼

X  

AT24CS04 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24CS04
Description  Factory Programmed 128-bit Serial Number
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CS04 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24CS04_14 Datasheet HTML 1Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 2Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 3Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 4Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 5Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 6Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 7Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 8Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Atmel-8766D-SEEPROM-AT24CS04-08-Datasheet_072013
Standard Features
Low-voltage operation
VCC = 1.7V to 5.5V
Internally organized as 512 x 8 (4-Kbit) or 1024 x 8 (8-Kbit)
I2C-compatible (2-wire) serial interface
Schmitt Trigger, filtered inputs for noise suppression
Bidirectional data transfer protocol
400kHz (1.7V) and 1MHz (2.5V, 2.7, 5.0V) compatibility
Write Protect pin for hardware data protection
16-byte page write mode
Partial page writes allowed
Self-timed write cycle (5ms max)
High-reliability
Endurance: 1,000,000 write cycles
Data retention: 100 years
Green package options (Pb/Halide-free/RoHS-compliant)
8-lead JEDEC SOIC, 8-lead TSSOP, 8-pad UDFN, and 5-lead SOT23
Die sale options: wafer form and tape and reel available
Enhanced Features in the CS Serial EEPROM Series
All standard features supported
128-bit unique factory-programmed serial number
Permanently locked, read-only value
Stored in a separate memory area
Guaranteed unique across entire CS Series of Serial EEPROMs
AT24CS04 and AT24CS08
I2C-Compatible (2-wire) Serial EEPROM with a
Unique, Factory Programmed 128-bit Serial Number
4-Kbit (512 x 8), 8-Kbit (1024 x 8)
DATASHEET


Similar Part No. - AT24CS04_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24CS04-MA11M-T ATMEL-AT24CS04-MA11M-T Datasheet
844Kb / 24P
I2C-Compatible (2-wire) Serial EEPROM
AT24CS04-MAHM-T ATMEL-AT24CS04-MAHM-T Datasheet
844Kb / 24P
I2C-Compatible (2-wire) Serial EEPROM
AT24CS04-MAUM-T ATMEL-AT24CS04-MAUM-T Datasheet
844Kb / 24P
I2C-Compatible (2-wire) Serial EEPROM
AT24CS04-SS11M-T ATMEL-AT24CS04-SS11M-T Datasheet
844Kb / 24P
I2C-Compatible (2-wire) Serial EEPROM
AT24CS04-SSHM-T ATMEL-AT24CS04-SSHM-T Datasheet
844Kb / 24P
I2C-Compatible (2-wire) Serial EEPROM
More results

Similar Description - AT24CS04_14

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XOP90 EUROQUARTZ-XOP90 Datasheet
82Kb / 1P
FACTORY PROGRAMMED OSCILLATORS
XOPL81 EUROQUARTZ-XOPL81 Datasheet
59Kb / 1P
FACTORY PROGRAMMED OSCILLATORS
XOPL91 EUROQUARTZ-XOPL91 Datasheet
78Kb / 1P
FACTORY PROGRAMMED OSCILLATORS
logo
ATMEL Corporation
AT24CS01 ATMEL-AT24CS01_14 Datasheet
839Kb / 23P
Factory Programmed 128-bit Serial Number
AT24CS02 ATMEL-AT24CS02_14 Datasheet
839Kb / 23P
Factory Programmed 128-bit Serial Number
AT24CS08 ATMEL-AT24CS08_14 Datasheet
881Kb / 24P
Factory Programmed 128-bit Serial Number
AT24CS16 ATMEL-AT24CS16_14 Datasheet
868Kb / 22P
Factory Programmed 128-bit Serial Number
AT24MAC402 ATMEL-AT24MAC402_14 Datasheet
1Mb / 29P
Plus an Embedded Unique 128-bit Serial Number
logo
Microchip Technology
AT21CS01 MICROCHIP-AT21CS01 Datasheet
456Kb / 47P
Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
2017
AT24CS32 MICROCHIP-AT24CS32 Datasheet
1Mb / 42P
I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
Revision A April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com