Electronic Components Datasheet Search
  English  ▼

X  

AT24CS04 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24CS04
Description  Factory Programmed 128-bit Serial Number
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CS04 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24CS04_14 Datasheet HTML 1Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 2Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 3Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 4Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 5Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 6Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 7Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 8Page - ATMEL Corporation AT24CS04_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AT24CS04/08 [DATASHEET]
Atmel-8766D-SEEPROM-AT24CS04-08-Datasheet_072013
4
5.
Pin Description
Serial Clock (SCL): The SCL input is used to positive edge clock data into each EEPROM device and negative edge
clock data out of each device.
Serial Data (SDA): The SDA pin is bidirectional for serial data transfer. This pin is open-drain driven and may be
wire-ORed with any number of other open-drain or open-collector devices.
Device Addresses (A2, A1): The AT24CS04 uses the A2 and A1 inputs for hard wire addressing allowing a total of four
4-Kbit devices to be addressed on a single bus system. Pin 1 is a no connect and can be connected to ground.
The AT24CS08 only uses the A2 input for hardware addressing and a total of two 8K devices may be addressed on a
single bus system. Pins 1 and 2 are no connects and can be connected to ground. Refer to Section 8. “Device
Addressing” on page 10 for details about the pin state and the required protocol for communication .
The device address pins are not available on the SOT23 package offering. Refer to Section 8. “Device Addressing” on
page 10 for details on the protocol requirements with this package.
Write Protect (WP): AT24CS04/08 has a Write Protect (WP) pin that provides hardware data protection. When the Write
Protect pin is connected to ground (GND), normal read/write operations to the full array are possible. When the Write
Protect pin is connected to VCC, all write operations to the memory are inhibited but read operations are still possible.
This operation is summarized in Table 5-1 below.
Table 5-1.
Write Protect
WP Pin
Status
Part of the Array Protected
Atmel AT24CS04/08
At VCC
Full Array
At GND
Normal Read/Write Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com