Electronic Components Datasheet Search
  English  ▼

X  

ILQ1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ILQ1
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ1 Datasheet(HTML) 1 Page - Vishay Siliconix

  ILQ1 Datasheet HTML 1Page - Vishay Siliconix ILQ1 Datasheet HTML 2Page - Vishay Siliconix ILQ1 Datasheet HTML 3Page - Vishay Siliconix ILQ1 Datasheet HTML 4Page - Vishay Siliconix ILQ1 Datasheet HTML 5Page - Vishay Siliconix ILQ1 Datasheet HTML 6Page - Vishay Siliconix ILQ1 Datasheet HTML 7Page - Vishay Siliconix ILQ1 Datasheet HTML 8Page - Vishay Siliconix ILQ1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ILD1, ILD2, ILD5, ILQ1, ILQ2, ILQ5
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 28-Jun-11
1
Document Number: 83646
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output (Dual, Quad Channel)
DESCRIPTION
The ILD1, ILD2, ILD5, ILQ1, ILQ2, ILQ5 are optically coupled
isolated pairs employing GaAs infrared LEDs and silicon
NPN phototransistor. Signal information, including a DC
level, can be transmitted by the drive while maintaining a
high degree of electrical isolation between input and output.
The ILD1, ILD2, ILD5, ILQ1, ILQ2, ILQ5 are especially
designed for driving medium-speed logic and can be used
to eliminate troublesome ground loop and noise problems.
Also these couplers can be used to replace relays and
transformers in many digital interface applications such as
CTR modulation.
The ILD1, ILD2, ILD5 has two isolated channels in a single
DIP package and the ILQ1, ILQ2, ILQ5 has four isolated
channels per package.
FEATURES
• Current transfer ratio at IF = 10 mA
• Isolation test voltage, 5300 VRMS
• Compliant to RoHS Directive 2002/95/EC and
in accordance to WEEE 2002/96/EC
AGENCY APPROVALS
• UL1577, file no. E52744 system code H, double protection
• CSA 93751
• BSI IEC 60950; IEC 60065
• DIN EN 60747-5-2 (VDE 0884) available with option 1
•FIMKO
i179015-3
1
2
3
4
8
7
6
5
E
C
C
E
A
C
C
A
A
C
C
A
A
C
C
A
E
C
C
E
E
C
C
E
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
V
DE
i179012-1
Dual Channel
Quad Channel
ORDERING INFORMATION
I
L
x
#
-
X
0##
T
PART NUMBER
x = D (Dual) or Q (Quad)
PACKAGE OPTION
TAPE AND
REEL
AGENCY CERTIFIED/PACKAGE
DUAL CHANNEL
QUAD CHANNEL
CTR (%)
UL, CSA, BSI, FIMKO
20 to 300
100 to 500
50 to 400
20 to 300
100 to 500
50 to 400
DIP-8
ILD1
ILD2
ILD5
-
-
-
DIP-8, 400 mil, option 6
-
ILD2-X006
-
-
-
-
SMD-8, option 7
ILD1-X007T (1)
ILD2-X007T (1)
--
--
SMD-8, option 9
ILD1-X009T (1)
ILD2-X009T (1)
ILD5-X009T (1)
--
-
DIP-16
-
-
-
ILQ1
ILQ2
ILQ5
DIP-16, 400 mil, option 6
-
-
-
ILQ1-X006
ILQ2-X006
-
SMD-16, option 7
-
-
-
ILQ1-X007
ILQ2-X007T (1)
-
SMD-16, option 9
-
-
-
ILQ1-X009T (1)
ILQ2-X009T (1)
ILQ5-X009T (1)
> 0.1 mm
10.16 mm
> 0.7 mm
7.62 mm
DIP-#
Option 7
Option 6
Option 9


Similar Part No. - ILQ1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILQ1 SIEMENS-ILQ1 Datasheet
67Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
ILQ1 VISHAY-ILQ1 Datasheet
164Kb / 9P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
05-Nov-04
ILQ1 VISHAY-ILQ1 Datasheet
174Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
20-Dec-07
logo
ISOCOM COMPONENTS
ILQ1 ISOCOM-ILQ1 Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY
logo
Vishay Siliconix
ILQ1 VISHAY-ILQ1 Datasheet
192Kb / 10P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
10-Mar-2021
More results

Similar Description - ILQ1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILQ621 VISHAY-ILQ621 Datasheet
240Kb / 10P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
19-Apr-04
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
20-Dec-07
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
20-Dec-07
ILQ615 VISHAY-ILQ615_V01 Datasheet
213Kb / 12P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
10-Dec-2020
ILQ74 VISHAY-ILQ74_V01 Datasheet
187Kb / 8P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
15-Apr-2021
ILD1 VISHAY-ILD1_V02 Datasheet
193Kb / 10P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
10-Mar-2021
ILD615 VISHAY-ILD615_V02 Datasheet
213Kb / 12P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
10-Dec-2020
ILD621 VISHAY-ILD621_V02 Datasheet
178Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
20-Dec-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com