Electronic Components Datasheet Search
  English  ▼

X  

ILQ1 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # ILQ1
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ1 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button ILQ1 Datasheet HTML 3Page - Vishay Siliconix ILQ1 Datasheet HTML 4Page - Vishay Siliconix ILQ1 Datasheet HTML 5Page - Vishay Siliconix ILQ1 Datasheet HTML 6Page - Vishay Siliconix ILQ1 Datasheet HTML 7Page - Vishay Siliconix ILQ1 Datasheet HTML 8Page - Vishay Siliconix ILQ1 Datasheet HTML 9Page - Vishay Siliconix ILQ1 Datasheet HTML 10Page - Vishay Siliconix ILQ1 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ILD1, ILD2, ILD5, ILQ1, ILQ2, ILQ5
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 28-Jun-11
10
Document Number: 83646
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
PACKAGE MARKING (example)
Notes
• Only option 1 and 7 reflected in the package marking.
• The VDE logo is only marked on option 1 parts.
• Tape and reel suffix (T) is not part of the package marking.
i178007
6.48
6.81
19.77
20.07
0.76
1.14
4°
2.54 typ.
10°
typ.
3° to 9°
0.46
0.56
0.20
0.30
2.79
3.30
Pin one ID
3.30
3.81
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
7.62 typ.
5.84
6.35
1.27
ISO method A
0.51
0.89
0.79
18450-9
0.35
0.25
10.16
10.92
7.8
7.4
10.36
9.96
Option 6
8 min.
7.62 typ.
4.6
4.1
8.4 min.
10.3 max.
0.7
Option 7
R 0.010 (0.25)
0.100 (2.54)
0.030 (0.76)
0.070 (1.78)
0.060 (1.52)
0.435 (11.05)
0.315 (8.00) min.
8 min.
0.51
1.02
7.62 ref.
9.53
10.03
0.25 typ.
0.102
0.249
15° max.
Option 9
R 0.010 (0.25)
0.100 (2.54)
0.030 (0.76)
0.070 (1.78)
0.060 (1.52)
0.435 (11.05)
0.315 (8.00) min.
ILD2
V YWW H 68
ILQ2
V YWW H 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com