Electronic Components Datasheet Search
  English  ▼

X  

ILQ1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ILQ1
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ1 Datasheet(HTML) 2 Page - Vishay Siliconix

  ILQ1 Datasheet HTML 1Page - Vishay Siliconix ILQ1 Datasheet HTML 2Page - Vishay Siliconix ILQ1 Datasheet HTML 3Page - Vishay Siliconix ILQ1 Datasheet HTML 4Page - Vishay Siliconix ILQ1 Datasheet HTML 5Page - Vishay Siliconix ILQ1 Datasheet HTML 6Page - Vishay Siliconix ILQ1 Datasheet HTML 7Page - Vishay Siliconix ILQ1 Datasheet HTML 8Page - Vishay Siliconix ILQ1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ILD1, ILD2, ILD5, ILQ1, ILQ2, ILQ5
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 28-Jun-11
2
Document Number: 83646
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Additional options may be possible, please contact sales office.
(1) Also available in tubes; do not put T on end.
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for throught
hole devices (DIP).
VDE, UL, CSA, BSI, FIMKO
20 to 300
100 to 500
50 to 400
20 to 300
100 to 500
50 to 400
DIP-8
ILD1-X001
ILD2-X001
ILD5-X001
-
-
-
DIP-8, 400 mil, option 6
-
ILD2-X016
-
-
-
-
SMD-8, option 7
-
ILD2-X017
-
-
-
-
SMD-8, option 9
ILD1-X019T
-
-
-
-
-
DIP-16
-
-
-
-
ILQ2-X001
-
DIP-16, 400 mil, option 6
-
-
-
-
ILQ2-X016
-
SMD-16, option 7
-
-
-
-
ILQ2-X017T (1)
-
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Surge current
IFSM
2.5
A
Power dissipation
Pdiss
100
mW
Derate linearly from 25 °C
1.3
mW/°C
OUTPUT
Collector emitter reverse voltage
ILD1
VCEO
50
V
ILQ1
VCEO
50
V
ILD2
VCEO
70
V
ILQ2
VCEO
70
V
ILD5
VCEO
70
V
ILQ5
VCEO
70
V
Collector current
IC
50
mA
t < 1 ms
IC
400
mA
Power dissipation
Pdiss
200
mW
Derate lineary from 25 °C
2.6
mW/°C
COUPLER
Isolation test voltage
between emitter and detector
VISO
5300
VRMS
Creepage distance
 7mm
Clearance distance
 7mm
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
 1012
VIO = 500 V, Tamb = 100 °C
RIO
 1011
Package power dissipation
Ptot
250
mW
Derate linearly from 25 °C
3.3
mW/°C
Storage temperature
Tstg
- 40 to + 150
°C
Operating temperature
Tamb
- 40 to + 100
°C
Junction temperature
Tj
100
°C
Soldering temperature (2)
2 mm from case bottom
Tsld
260
°C
AGENCY CERTIFIED/PACKAGE
DUAL CHANNEL
QUAD CHANNEL
CTR (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com