Electronic Components Datasheet Search
  English  ▼

X  

AT24CS64 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT24CS64
Description  IC-Compatible (2-wire) Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CS64 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT24CS64_14 Datasheet HTML 9Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 10Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 11Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 12Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 13Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 14Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 15Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 16Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
AT24CS64 [DATASHEET]
Atmel-8870B-SEEPROM-AT24CS64-Datasheet_082014
Sequential Read: Sequential reads are initiated by either a current address read or a random address read.
After the microcontroller receives a data word, it responds with an acknowledge. As long as the EEPROM
receives an acknowledge, it will continue to increment the data word address and serially clock out sequential
data words. When the memory address limit is reached, the data word address will roll-over and the Sequential
Read will continue. The Sequential Read operation is terminated when the microcontroller does not respond
with a zero but does generate a following Stop condition.
Figure 10-3.
Sequential Read
Serial Number Read: Reading the serial number is similar to the sequential read sequence but requires use of
the device address seen in Table 8-1 on page 10, a dummy write, and the use of a specific word address.
Note: The entire 128-bit value must be read from the starting address of the serial number block to guarantee
a unique number.
Since the address pointer of the device is shared between the regular EEPROM array and the serial number
block, a dummy write sequence, as part of a Random Read or Sequential Read protocol, should be performed
to ensure the address pointer is set to zero. A Current Address Read of the serial number block is supported but
if the previous operation was to the EEPROM array, the address pointer will retain the last location accessed,
incremented by one. Reading the serial number from a location other than the first address of the block will not
result in a unique serial number.
Additionally, the word address contains a ‘10’ sequence in bit A11 and A10 of the word address, regardless of
the intended address as depicted in Table 8-2 on page 10. If a word address other than ‘10’ is used, then the
device will output undefined data.
Example:
If the application desires to read the first byte of the serial number, the word address input would
need to be 0800h.
When the end of the 128-bit serial number is reached (16 bytes of data), continued reading of the extended
memory region will result in an additional 16 bytes of 00h data. Upon reaching the end of the 32-byte extended
memory region, the data word address will roll-over back to the beginning of the 128-bit serial number. The
Serial Number Read operation is terminated when the microcontroller does not respond with a zero (ACK) and
instead issues a Stop condition (see Figure 10-4 on page 14).
R
/
W
A
C
K
A
C
K
A
C
K
A
C
K
N
O
A
C
K
SDA LINE
R
E
A
D
S
T
O
P
Device
Address
Data (n + x)
Data (n + 2)
Data (n + 1)
Data (n)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com